전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX2000-1CSG896M 데이터시트(PDF) 119 Page - Actel Corporation

부품명 AX2000-1CSG896M
상세설명  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896M 데이터시트(HTML) 119 Page - Actel Corporation

Back Button AX2000-1CSG896M Datasheet HTML 115Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 116Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 117Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 118Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 119Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 120Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 121Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 122Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 123Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-13
256-Pin FBGA
AX125 Function
Pin Number
Bank 0
IO01NB0F0
B4
IO01PB0F0
B3
IO03NB0F0
A4
IO03PB0F0
A3
IO04NB0F0
B6
IO04PB0F0
B5
IO06NB0F0
A6
IO06PB0F0
A5
IO07NB0F0/HCLKAN
B8
IO07PB0F0/HCLKAP
B7
IO08NB0F0/HCLKBN
A9
IO08PB0F0/HCLKBP
A8
Bank 1
IO09NB1F1/HCLKCN
C10
IO09PB1F1/HCLKCP
C9
IO10NB1F1/HCLKDN
B11
IO10PB1F1/HCLKDP
B10
IO12NB1F1
A13
IO12PB1F1
A12
IO13NB1F1
B13
IO13PB1F1
B12
IO14NB1F1
C12
IO14PB1F1
C11
IO15NB1F1
A15
IO15PB1F1
B14
IO16NB1F1
C15
IO16PB1F1
C14
IO17NB1F1
D13
IO17PB1F1
D12
Bank 2
IO18NB2F2
F13
IO18PB2F2
E13
IO19NB2F2
F14
IO19PB2F2
E14
IO20NB2F2
F15
IO20PB2F2
E15
IO21NB2F2
C16
IO21PB2F2
B16
IO22NB2F2
H13
IO22PB2F2
G13
IO23NB2F2
E16
IO23PB2F2
D16
IO25NB2F2
H15
IO25PB2F2
G15
IO26NB2F2
H14
IO26PB2F2
G14
IO27NB2F2
G16
IO27PB2F2
F16
IO28NB2F2
K15
IO28PB2F2
K16
IO29NB2F2
J16
IO29PB2F2
H16
Bank 3
IO30NB3F3
K13
IO30PB3F3
J13
IO31NB3F3
K14
IO31PB3F3
J14
IO33NB3F3
L15
IO33PB3F3
L16
IO35NB3F3
P16
IO35PB3F3
N16
IO36PB3F3
M16
IO37NB3F3
P15
IO37PB3F3
R16
IO39NB3F3
N15
IO39PB3F3
M15
IO40NB3F3
M13
IO40PB3F3
L13
IO41NB3F3
M14
IO41PB3F3
L14
Bank 4
IO42NB4F4
N12
IO42PB4F4
N13
IO43NB4F4
T14
IO43PB4F4
R14
256-Pin FBGA
AX125 Function
Pin Number
IO44PB4F4
T15
IO45NB4F4
R12
IO45PB4F4
R13
IO46NB4F4
P11
IO46PB4F4
P12
IO47PB4F4
T11
IO48NB4F4
T12
IO48PB4F4
T13
IO49NB4F4/CLKEN
R9
IO49PB4F4/CLKEP
R10
IO50NB4F4/CLKFN
T8
IO50PB4F4/CLKFP
T9
Bank 5
IO51NB5F5/CLKGN
P7
IO51PB5F5/CLKGP
P8
IO52NB5F5/CLKHN
R6
IO52PB5F5/CLKHP
R7
IO54NB5F5
T5
IO54PB5F5
T6
IO55NB5F5
P5
IO55PB5F5
P6
IO56NB5F5
T3
IO56PB5F5
T4
IO57NB5F5
R3
IO57PB5F5
R4
IO58NB5F5
R1
IO58PB5F5
T2
IO59NB5F5
N4
IO59PB5F5
N5
Bank 6
IO60NB6F6
L4
IO60PB6F6
M4
IO61NB6F6
L3
IO61PB6F6
M3
IO63NB6F6
P2
IO63PB6F6
N2
IO64NB6F6
J4
IO64PB6F6
K4
256-Pin FBGA
AX125 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More