전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX2000-1CSG896M 데이터시트(PDF) 176 Page - Actel Corporation

부품명 AX2000-1CSG896M
상세설명  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896M 데이터시트(HTML) 176 Page - Actel Corporation

Back Button AX2000-1CSG896M Datasheet HTML 172Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 173Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 174Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 175Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 176Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 177Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 178Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 179Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 180Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 226 page
background image
Axcelerator Family FPGAs
3- 70
v2.7
IO115PB2F10
R29
IO116NB2F10
P34
IO116PB2F10
P33
IO117NB2F10
R27
IO117PB2F10
R26
IO118NB2F11
R34
IO118PB2F11
R33
IO119NB2F11
T24
IO119PB2F11
T25
IO120NB2F11
T33
IO120PB2F11
T34
IO121NB2F11
T27
IO121PB2F11
T26
IO122NB2F11
T30
IO122PB2F11
T29
IO123NB2F11
U28
IO123PB2F11
T28
IO124NB2F11
T31
IO124PB2F11
T32
IO125NB2F11
U24
IO125PB2F11
U25
IO126NB2F11
U33
IO126PB2F11
U34
IO127NB2F11
U26
IO127PB2F11
U27
IO128NB2F11
U31
IO128PB2F11
U32
Bank 3
IO129NB3F12
V29
IO129PB3F12
U29
IO130NB3F12
V31
IO130PB3F12
V32
IO131NB3F12
V24
IO131PB3F12
V25
IO132NB3F12
W28
IO132PB3F12
V28
IO133NB3F12
W26
IO133PB3F12
V26
IO134NB3F12
W33
1152-Pin FBGA
AX2000 Function
Pin Number
IO134PB3F12
V33
IO135NB3F12
W25
IO135PB3F12
W24
IO136NB3F12
W31
IO136PB3F12
W32
IO137NB3F12
Y30
IO137PB3F12
W30
IO138NB3F12
Y29
IO138PB3F12
W29
IO139NB3F13
Y27
IO139PB3F13
W27
IO140NB3F13
AA33
IO140PB3F13
Y33
IO141NB3F13
Y25
IO141PB3F13
Y24
IO142NB3F13
AA31
IO142PB3F13
Y31
IO143NB3F13
AA28
IO143PB3F13
Y28
IO144NB3F13
AA34
IO144PB3F13
Y34
IO145NB3F13
AA26
IO145PB3F13
Y26
IO146NB3F13
AA29
IO146PB3F13
AA30
IO147NB3F13
AB30
IO147PB3F13
AB29
IO148NB3F13
AB32
IO148PB3F13
AA32
IO149NB3F13
AB27
IO149PB3F13
AA27
IO150NB3F14
AC31
IO150PB3F14
AB31
IO151NB3F14
AD33
IO151PB3F14
AC33
IO152NB3F14
AC28
IO152PB3F14
AB28
IO153NB3F14
AB25
IO153PB3F14
AA25
1152-Pin FBGA
AX2000 Function
Pin Number
IO154NB3F14
AD32
IO154PB3F14
AC32
IO155NB3F14
AD29
IO155PB3F14
AC29
IO156NB3F14
AE30
IO156PB3F14
AD30
IO157NB3F14
AC26
IO157PB3F14
AB26
IO158NB3F14
AH33
IO158PB3F14
AG33
IO159NB3F14
AD27
IO159PB3F14
AC27
IO160NB3F14
AG32
IO160PB3F14
AF32
IO161NB3F15
AG31
IO161PB3F15
AF31
IO162NB3F15
AF29
IO162PB3F15
AE29
IO163NB3F15
AE28
IO163PB3F15
AD28
IO164NB3F15
AG30
IO164PB3F15
AF30
IO165NB3F15
AE26
IO165PB3F15
AD26
IO166NB3F15
AJ30
IO166PB3F15
AH30
IO167NB3F15
AG28
IO167PB3F15
AF28
IO168NB3F15
AF27
IO168PB3F15
AE27
IO169NB3F15
AH29
IO169PB3F15
AG29
IO170NB3F15
AD25
IO170PB3F15
AC25
Bank 4
IO171NB4F16
AP29
IO171PB4F16
AN29
IO172NB4F16
AH26
IO172PB4F16
AH27
1152-Pin FBGA
AX2000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More