| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CSG896M 데이터시트(PDF) 210 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896M 데이터시트(HTML) 210 Page - Actel Corporation |
|
210 / 226 page ![]() Axcelerator Family FPGAs 3- 104 v2.7 IO64PB2F6 G22 IO65NB2F6 J21 IO65PB2F6 J20 IO66NB2F6 L23 IO66PB2F6 K20 IO67NB2F6 F23 IO67PB2F6 E23 IO68NB2F6 L18 IO68PB2F6 K18 IO70NB2F6 E24 IO70PB2F6 D24 IO71NB2F6 H23 IO71PB2F6 G23 IO72NB2F6 L19 IO72PB2F6 K19 IO74NB2F7 J22 IO74PB2F7 H22 IO75NB2F7 N23 IO75PB2F7 M23 IO76NB2F7 N17 IO76PB2F7 N16 IO77NB2F7 L22 IO77PB2F7 K22 IO78NB2F7 M19 IO78PB2F7 M18 IO79NB2F7 N19 IO79PB2F7 N18 IO80NB2F7 L21 IO80PB2F7 L20 IO82NB2F7 P18 IO82PB2F7 P17 IO83NB2F7 N22 IO83PB2F7 M22 IO84NB2F7 M20 IO84PB2F7 M21 IO86NB2F8 E25 IO86PB2F8 D25 624-Pin CCGA AX1000 Function Pin Number IO87NB2F8 L24 IO87PB2F8 K24 IO88NB2F8 G24 IO88PB2F8 F24 IO89NB2F8 J25 IO90NB2F8 G25 IO90PB2F8 F25 IO91NB2F8 L25 IO91PB2F8 K25 IO92NB2F8 J24 IO92PB2F8 H24 IO93PB2F8 J23 IO94NB2F8 N24 IO94PB2F8 M24 IO95NB2F8 N25 IO95PB2F8 M25 Bank 3 IO96NB3F9 T18 IO96PB3F9 R18 IO97NB3F9 N20 IO97PB3F9 P24 IO98NB3F9 P20 IO98PB3F9 P19 IO99NB3F9 P21 IO100NB3F9 T22 IO100PB3F9 W24 IO101NB3F9 R22 IO101PB3F9 P22 IO102NB3F9 U19 IO102PB3F9 T19 IO104NB3F9 V20 IO104PB3F9 U20 IO105NB3F9 R23 IO105PB3F9 P23 IO106NB3F9 R19 IO106PB3F9 R20 IO107NB3F10 AB24 624-Pin CCGA AX1000 Function Pin Number IO108NB3F10 R25 IO108PB3F10 P25 IO109NB3F10 U25 IO109PB3F10 T25 IO110NB3F10 U24 IO110PB3F10 U23 IO112NB3F10 T24 IO112PB3F10 R24 IO113NB3F10 Y25 IO113PB3F10 W25 IO114NB3F10 V23 IO114PB3F10 V24 IO116NB3F10 AA24 IO116PB3F10 Y24 IO117NB3F10 AB25 IO117PB3F10 AA25 IO118NB3F11 T20 IO118PB3F11 R21 IO120NB3F11 W22 IO120PB3F11 W23 IO122NB3F11 V22 IO122PB3F11 U22 IO124NB3F11 Y23 IO124PB3F11 AA23 IO126NB3F11 V21 IO126PB3F11 U21 IO128NB3F11 Y22 IO128PB3F11 Y21 Bank 4 IO129NB4F12 W20 IO129PB4F12 Y20 IO131NB4F12 V19 IO131PB4F12 W19 IO133NB4F12 Y18 IO133PB4F12 Y19 IO135NB4F12 W18 IO135PB4F12 V18 624-Pin CCGA AX1000 Function Pin Number |