전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX2000-1CSG896M 데이터시트(PDF) 216 Page - Actel Corporation

부품명 AX2000-1CSG896M
상세설명  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896M 데이터시트(HTML) 216 Page - Actel Corporation

Back Button AX2000-1CSG896M Datasheet HTML 212Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 213Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 214Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 215Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 216Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 217Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 218Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 219Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 220Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 226 page
background image
Axcelerator Family FPGAs
3- 110
v2.7
IO85PB1F7
D19*
Bank 2
IO86NB2F8
F23
IO86PB2F8
E23
IO87NB2F8
H23
IO87PB2F8
G23
IO88NB2F8
E24
IO88PB2F8
D24
IO89NB2F8
M17*
IO89PB2F8
G22*
IO91NB2F8
J22
IO91PB2F8
H22
IO92NB2F8
L18
IO92PB2F8
K18
IO96NB2F9
G24
IO96PB2F9
F24
IO97NB2F9
J21
IO97PB2F9
J20
IO98PB2F9
J23
IO99NB2F9
L19
IO99PB2F9
K19
IO100NB2F9
E25
IO100PB2F9
D25
IO103PB2F9
K20
IO105NB2F9
M19
IO105PB2F9
M18
IO106NB2F9
J24
IO106PB2F9
H24
IO107NB2F10
L23*
IO107PB2F10
N16*
IO109NB2F10
L22
IO109PB2F10
K22
IO110NB2F10
G25
IO110PB2F10
F25
IO111NB2F10
L21
IO111PB2F10
L20
624-Pin CCGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.
IO112NB2F10
L24
IO112PB2F10
K24
IO113NB2F10
N17
IO115NB2F10
M20
IO115PB2F10
M21
IO117NB2F10
N19
IO117PB2F10
N18
IO118NB2F11
J25
IO121NB2F11
N24
IO121PB2F11
M24
IO122NB2F11
L25
IO122PB2F11
K25
IO123NB2F11
N22
IO123PB2F11
M22
IO124NB2F11
N23
IO124PB2F11
M23
IO127NB2F11
P18
IO127PB2F11
P17
IO128NB2F11
N25
IO128PB2F11
M25
Bank 3
IO129NB3F12
N20
IO130PB3F12
P24
IO131NB3F12
P21
IO133NB3F12
P20
IO133PB3F12
P19
IO138NB3F12
R23
IO138PB3F12
P23
IO139NB3F13
R22
IO139PB3F13
P22
IO141NB3F13
R19
IO142NB3F13
R25
IO142PB3F13
P25
IO143PB3F13
R21
IO145NB3F13
T18
IO145PB3F13
R18
624-Pin CCGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.
IO146NB3F13
T24
IO146PB3F13
R24
IO147NB3F13
T20
IO147PB3F13
R20
IO148NB3F13
U25
IO148PB3F13
T25
IO149NB3F13
T22
IO153NB3F14
U19
IO153PB3F14
T19
IO154NB3F14
Y25
IO154PB3F14
W25
IO157NB3F14
V20
IO157PB3F14
U20
IO158NB3F14
AB25
IO158PB3F14
AA25
IO160PB3F14
W24
IO161NB3F15
U24
IO161PB3F15
U23
IO162NB3F15
AA24
IO162PB3F15
Y24
IO163NB3F15
V22
IO163PB3F15
U22
IO164NB3F15
V23
IO164PB3F15
V24
IO166NB3F15
AB24
IO167NB3F15
V21
IO167PB3F15
U21
IO168NB3F15
Y23
IO168PB3F15
AA23
IO169NB3F15
W22*
IO169PB3F15
W23*
IO170NB3F15
Y22
IO170PB3F15
Y21
Bank 4
IO171NB4F16
AC20*
IO171PB4F16
AC21*
624-Pin CCGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More