| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CS896M 데이터시트(PDF) 119 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896M 데이터시트(HTML) 119 Page - Actel Corporation |
|
119 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-13 256-Pin FBGA AX125 Function Pin Number Bank 0 IO01NB0F0 B4 IO01PB0F0 B3 IO03NB0F0 A4 IO03PB0F0 A3 IO04NB0F0 B6 IO04PB0F0 B5 IO06NB0F0 A6 IO06PB0F0 A5 IO07NB0F0/HCLKAN B8 IO07PB0F0/HCLKAP B7 IO08NB0F0/HCLKBN A9 IO08PB0F0/HCLKBP A8 Bank 1 IO09NB1F1/HCLKCN C10 IO09PB1F1/HCLKCP C9 IO10NB1F1/HCLKDN B11 IO10PB1F1/HCLKDP B10 IO12NB1F1 A13 IO12PB1F1 A12 IO13NB1F1 B13 IO13PB1F1 B12 IO14NB1F1 C12 IO14PB1F1 C11 IO15NB1F1 A15 IO15PB1F1 B14 IO16NB1F1 C15 IO16PB1F1 C14 IO17NB1F1 D13 IO17PB1F1 D12 Bank 2 IO18NB2F2 F13 IO18PB2F2 E13 IO19NB2F2 F14 IO19PB2F2 E14 IO20NB2F2 F15 IO20PB2F2 E15 IO21NB2F2 C16 IO21PB2F2 B16 IO22NB2F2 H13 IO22PB2F2 G13 IO23NB2F2 E16 IO23PB2F2 D16 IO25NB2F2 H15 IO25PB2F2 G15 IO26NB2F2 H14 IO26PB2F2 G14 IO27NB2F2 G16 IO27PB2F2 F16 IO28NB2F2 K15 IO28PB2F2 K16 IO29NB2F2 J16 IO29PB2F2 H16 Bank 3 IO30NB3F3 K13 IO30PB3F3 J13 IO31NB3F3 K14 IO31PB3F3 J14 IO33NB3F3 L15 IO33PB3F3 L16 IO35NB3F3 P16 IO35PB3F3 N16 IO36PB3F3 M16 IO37NB3F3 P15 IO37PB3F3 R16 IO39NB3F3 N15 IO39PB3F3 M15 IO40NB3F3 M13 IO40PB3F3 L13 IO41NB3F3 M14 IO41PB3F3 L14 Bank 4 IO42NB4F4 N12 IO42PB4F4 N13 IO43NB4F4 T14 IO43PB4F4 R14 256-Pin FBGA AX125 Function Pin Number IO44PB4F4 T15 IO45NB4F4 R12 IO45PB4F4 R13 IO46NB4F4 P11 IO46PB4F4 P12 IO47PB4F4 T11 IO48NB4F4 T12 IO48PB4F4 T13 IO49NB4F4/CLKEN R9 IO49PB4F4/CLKEP R10 IO50NB4F4/CLKFN T8 IO50PB4F4/CLKFP T9 Bank 5 IO51NB5F5/CLKGN P7 IO51PB5F5/CLKGP P8 IO52NB5F5/CLKHN R6 IO52PB5F5/CLKHP R7 IO54NB5F5 T5 IO54PB5F5 T6 IO55NB5F5 P5 IO55PB5F5 P6 IO56NB5F5 T3 IO56PB5F5 T4 IO57NB5F5 R3 IO57PB5F5 R4 IO58NB5F5 R1 IO58PB5F5 T2 IO59NB5F5 N4 IO59PB5F5 N5 Bank 6 IO60NB6F6 L4 IO60PB6F6 M4 IO61NB6F6 L3 IO61PB6F6 M3 IO63NB6F6 P2 IO63PB6F6 N2 IO64NB6F6 J4 IO64PB6F6 K4 256-Pin FBGA AX125 Function Pin Number |