| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CS896M 데이터시트(PDF) 158 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896M 데이터시트(HTML) 158 Page - Actel Corporation |
|
158 / 226 page ![]() Axcelerator Family FPGAs 3- 52 v2.7 IO112NB3F10 Y25 IO112PB3F10 W25 IO113NB3F10 AB27 IO113PB3F10 AA27 IO114NB3F10 Y23 IO114PB3F10 W23 IO115NB3F10 AA26 IO115PB3F10 Y26 IO116NB3F10 AC28 IO116PB3F10 AB28 IO117NB3F10 AE29 IO117PB3F10 AD29 IO118NB3F11 AE28 IO118PB3F11 AD28 IO119NB3F11 AD27 IO119PB3F11 AC27 IO120NB3F11 AA24 IO120PB3F11 Y24 IO121NB3F11 AB25 IO121PB3F11 AA25 IO122NB3F11 AC26 IO122PB3F11 AB26 IO123NB3F11 AG28 IO123PB3F11 AF28 IO124NB3F11 AB23 IO124PB3F11 AA23 IO125NB3F11 AF27 IO125PB3F11 AE27 IO126NB3F11 AD25 IO126PB3F11 AC25 IO127NB3F11 AE26 IO127PB3F11 AD26 IO128NB3F11 AC24 IO128PB3F11 AB24 Bank 4 IO129NB4F12 AD23 IO129PB4F12 AC23 IO130NB4F12 AK26 896-Pin FBGA AX1000 Function Pin Number IO130PB4F12 AK27 IO131NB4F12 AF24 IO131PB4F12 AF25 IO132NB4F12 AG25 IO132PB4F12 AG26 IO133NB4F12 AD22 IO133PB4F12 AC22 IO134NB4F12 AE23 IO134PB4F12 AE24 IO135NB4F12 AH24 IO135PB4F12 AH25 IO136NB4F12 AJ25 IO136PB4F12 AJ26 IO137NB4F12 AD21 IO137PB4F12 AC21 IO138NB4F12 AK24 IO138PB4F12 AK25 IO139NB4F13 AE21 IO139PB4F13 AE22 IO140NB4F13 AG23 IO140PB4F13 AG24 IO141NB4F13 AF22 IO141PB4F13 AF23 IO142NB4F13 AJ23 IO142PB4F13 AJ24 IO143NB4F13 AD19 IO143PB4F13 AD20 IO144NB4F13 AG21 IO144PB4F13 AG22 IO145NB4F13 AE19 IO145PB4F13 AE20 IO146NB4F13 AF20 IO146PB4F13 AF21 IO147NB4F13 AC19 IO147PB4F13 AC20 IO148NB4F13 AH22 IO148PB4F13 AH23 IO149NB4F13 AC18 896-Pin FBGA AX1000 Function Pin Number IO149PB4F13 AB18 IO150NB4F13 AK21 IO150PB4F13 AJ21 IO151NB4F13 AE18 IO151PB4F13 AD18 IO152NB4F14 AJ20 IO152PB4F14 AK20 IO153NB4F14 AG19 IO153PB4F14 AG20 IO154NB4F14 AH19 IO154PB4F14 AH20 IO155NB4F14 AC17 IO155PB4F14 AB17 IO156NB4F14 AK19 IO156PB4F14 AJ19 IO157NB4F14 AE17 IO157PB4F14 AD17 IO158NB4F14 AJ17 IO158PB4F14 AJ18 IO159NB4F14/CLKEN AG18 IO159PB4F14/CLKEP AH18 IO160NB4F14/CLKFN AG16 IO160PB4F14/CLKFP AG17 Bank 5 IO161NB5F15/CLKGN AG14 IO161PB5F15/CLKGP AG15 IO162NB5F15/CLKHN AG13 IO162PB5F15/CLKHP AH13 IO163NB5F15 AE14 IO163PB5F15 AD14 IO164NB5F15 AJ12 IO164PB5F15 AJ13 IO165NB5F15 AB14 IO165PB5F15 AC15 IO166NB5F15 AK11 IO166PB5F15 AK12 IO167NB5F15 AB13 IO167PB5F15 AC14 896-Pin FBGA AX1000 Function Pin Number |