전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SKL10220 데이터시트(PDF) 1 Page - celduc-relais

부품명 SKL10220
상세설명  Solid State Relay for printed circuit board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CELDUC [celduc-relais]
홈페이지  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SKL10220 데이터시트(HTML) 1 Page - celduc-relais

  SKL10220 Datasheet HTML 1Page - celduc-relais SKL10220 Datasheet HTML 2Page - celduc-relais SKL10220 Datasheet HTML 3Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SKL10220
4-14VDC control
25A*/ 230VAC output
Charge
/ Load
Ph
N
Charge
/ Load
Ph
N
Ou / Or
VDR on
the PCB
VDR on
the PCB
SSR
SSR
SK model
SK model
All technical characteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
Application typique/Typical application
• Range for printed circuit board for mounting
on an external heatsink.
• Zero-cross AC Output.
• Power element size : 25A.
• DCB technology ( Direct Copper Bonding)
• Gamme pour circuit imprimé pour montage
sur dissipateur thermique.
• Sortie AC synchrone.
• Calibre élément de puissance : 25A
• Technologie DCB ( Direct Copper Bonding)
page 1 / 3 F/GB
S/MOD/SKL10220/B/23/03/2000
Relais Statique pour circuit imprimé
Solid State Relay for printed circuit board
Caractéristiques de commande (à 20
°C) / Control characteristics (at 20
°C)
DC
Paramètres / Parameters
Symbol
Min
Nom
Max
Unit
Tension de commande / Control voltage
Uc
4
12
14
V
Courant de commande / Control current (@ Uc nom )
Ic
6,5
25
30
mA
Tension de relachement/Release voltage
Uc off
1
V
Résistance interne / Input internal resistor
fig.1
Rc
440
Caractéristiques d'entrée-sortie (à 20
°C) / Input-output characteristics (at 20
°C)
Tension assignée Isolement/Rated impulse voltage
Uimp
4 000
V
Isolement entrée-sortie / Input-output isolation
U
4000
VRMS
Isolement E-S/semelle/ I-O/ case insulation
U
3300
VRMS
Caractéristiques générales / General characteristics
Paramètres / Parameters
Conditions
Symbol
Typ.
Unit
Poids/Weight
15
g
Température de stockage / Storage temperature
-40/+120
°C
Température de fonctionnement / Operating temperature
-40/+80
°C
2
4
6
8
101214
0
4
6
8
10
14
Uc (V)
16
20
18
22
24
26
28
30
12
2
0
3
5
7
9
11
13
15
116
fig. 1 :Caractéristique d'entrée /
Control characteristic
celduc
r
e
l
a
i
s
Ces produits sont disponibles avec d'autres tailles de thyristors : 16A , 50A/1800A2s et
75A/5000A2s pour de très hautes performances.
These products are available with other sizes thyristors: 16A , 50A/1800A2s and 75A
/5000A2s for high performances.
* : Limité par le radiateur :
20A@25
°C avec WF032000 /
limited by the heatsink :
20A@25
°C with WF032000
1 ~
2 ~
3 +
4 -
Rc
Uc
Ic
Hot surface : 37,6
7,83
5,08
12,7
43,6
10,16
6,3
1,7±0,15
2,54
0,3
Ø1
7,83
1,7 ±0,15
Top view
Trou / Hole Ø 1,6
43
2
1
Tolerances : ±0,2mm


유사한 부품 번호 - SKL10220

제조업체부품명데이터시트상세설명
logo
celduc-relais
SKL10240 CELDUC-SKL10240 Datasheet
476Kb / 3P
Solid State Relay for printed circuit board
More results

유사한 설명 - SKL10220

제조업체부품명데이터시트상세설명
logo
celduc-relais
SKA20460 CELDUC-SKA20460 Datasheet
89Kb / 3P
SOLID STATE RELAY FOR PRINTED CIRCUIT BOARD
SKH10521 CELDUC-SKH10521 Datasheet
183Kb / 3P
Solid State Relay for printed circuit board
SKH20120 CELDUC-SKH20120 Datasheet
274Kb / 3P
Solid State Relay for printed circuit board
SKL10121 CELDUC-SKL10121 Datasheet
209Kb / 3P
Solid State Relay for printed circuit board
SKL10520 CELDUC-SKL10520 Datasheet
480Kb / 3P
Solid State Relay for printed circuit board
SKL15240 CELDUC-SKL15240 Datasheet
168Kb / 3P
Solid State Relay for printed circuit board
SKL20220 CELDUC-SKL20220 Datasheet
377Kb / 3P
Solid State Relay for printed circuit board
SKL20241 CELDUC-SKL20241 Datasheet
483Kb / 3P
Solid State Relay for printed circuit board
SKL20520 CELDUC-SKL20520 Datasheet
479Kb / 3P
Solid State Relay for printed circuit board
SKL20740 CELDUC-SKL20740 Datasheet
524Kb / 3P
Solid State Relay for printed circuit board
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com