전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QBH-250 데이터시트(PDF) 1 Page - Spectrum Microwave, Inc.

부품명 QBH-250
상세설명  RF AMPLIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPECTRUM [Spectrum Microwave, Inc.]
홈페이지  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

QBH-250 데이터시트(HTML) 1 Page - Spectrum Microwave, Inc.

  QBH-250 Datasheet HTML 1Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
RF AMPLIFIER
MODEL
QBH-250
Specifications
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 125 ºC
Storage Temperature ............................... -65ºC to + 150 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 20 Volts
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Features
!
!
!
!
! High Gain: 20.0 dB Typical
!
!
!
!
! High Power: +18 dBm Typical
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Frequency
10 - 300 MHz
Power
Vdc
+15
mA
51
Noise Figure (dB)
3.5
VSWR
In
1.5:1
Out
2.0:1
Reverse Isolation (dB)
-23
Gain (dB)
20.0
Gain Flatness
1.0
Output Intercept point
3rd Order
+30
2nd Order
+41
Gain vs. Temperature
1 dB Compression (dBm)
+18
± 0.5
Typical Performance Data
Note: Specifications are guaranteed when tested in a 50 Ohm system.
Specifications indicated as typical are not guaranteed.
03/11/05
Linear S-Parameters Data
FREQ.
– – S11– –
– – S21– –
– – S12– –
– – S22– –
MHz
Ang
dB
Ang
dB
Ang
dB
Ang
dB
10
40
60
70
90
100
200
250
300
-15.8
-19.1
-19.3
-19.6
-19.7
-19.8
-19.6
-18.0
-15.9
-120.1
-167.6
-178.2
177.8
170.0
168.3
145.9
139.0
128.4
19.8
20.1
20.1
20.1
20.1
20.1
20.3
20.3
20.3
-168.7
169.2
160.6
156.5
148.5
144.7
105.9
85.8
65.2
-45.2
-42.5
-41.0
-40.3
-38.7
-38.1
-33.0
-31.1
-29.6
76.5
44.6
43.0
41.6
40.3
39.9
22.1
10.0
-3.4
-16.2
-23.5
-23.7
-23.3
-22.1
-21.4
-15.1
-12.4
-10.2
145.1
168.6
-173.0
-166.3
-157.8
-155.5
-161.1
-173.1
172.4
===================================================================
Available as: QBH-250, F-Pack (E52-5006)
16
20
19
17
Gain (dB)
Reverse Isolation (dB)
1 dB Comp. (dBm)
Input/Output VSWR +25 ºC
3rd order intermodulation distortion (dBm)
18
21
-70
-20
-40
-60
-50
-30
-10
10
100
1000
MHz
10
100
1000
MHz
12
22
18
14
16
20
10
100
1000
MHz
1.8
1.4
1.2
1.6
2.0
10
100
1000
MHz
34
30
26
28
36
32
10
100
1000
MHz
3.5
2.0
4.0
3.0
Noise Figure (dB)
10
100
1000
MHz
2.5
1.0
Input
Output
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


유사한 부품 번호 - QBH-250

제조업체부품명데이터시트상세설명
logo
API Technologies Corp
QBH-250 APITECH-QBH-250 Datasheet
63Kb / 1P
   RF AMPLIFIER MODEL
More results

유사한 설명 - QBH-250

제조업체부품명데이터시트상세설명
logo
Spectrum Microwave, Inc...
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
   RF AMPLIFIER
QB-166 SPECTRUM-QB-166 Datasheet
42Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
4CX5000A CPI-4CX5000A Datasheet
96Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-204 SPECTRUM-QBH-204 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-223 SPECTRUM-QBH-223 Datasheet
57Kb / 1P
   RF AMPLIFIER
QBH-817 SPECTRUM-QBH-817 Datasheet
58Kb / 1P
   RF AMPLIFIER
QBH-842 SPECTRUM-QBH-842 Datasheet
59Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
8560AS CPI-8560AS Datasheet
92Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-5169 SPECTRUM-QBH-5169 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-5403 SPECTRUM-QBH-5403 Datasheet
40Kb / 1P
   RF AMPLIFIER
QBH-5866 SPECTRUM-QBH-5866 Datasheet
47Kb / 1P
   RF AMPLIFIER
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com