전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FTM-9612S-SL15G 데이터시트(PDF) 10 Page - Source Photonics, Inc.

부품명 FTM-9612S-SL15G
상세설명  1.25Gbps Single Fiber Bi-directional SFP Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SOURCE [Source Photonics, Inc.]
홈페이지  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9612S-SL15G 데이터시트(HTML) 10 Page - Source Photonics, Inc.

Back Button FTM-9612S-SL15G Datasheet HTML 3Page - Source Photonics, Inc. FTM-9612S-SL15G Datasheet HTML 4Page - Source Photonics, Inc. FTM-9612S-SL15G Datasheet HTML 5Page - Source Photonics, Inc. FTM-9612S-SL15G Datasheet HTML 6Page - Source Photonics, Inc. FTM-9612S-SL15G Datasheet HTML 7Page - Source Photonics, Inc. FTM-9612S-SL15G Datasheet HTML 8Page - Source Photonics, Inc. FTM-9612S-SL15G Datasheet HTML 9Page - Source Photonics, Inc. FTM-9612S-SL15G Datasheet HTML 10Page - Source Photonics, Inc. FTM-9612S-SL15G Datasheet HTML 11Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
1.25Gbps Single Fiber Bi-directional SFP Transceiver
15km point-to-point transmission
`
Jun 12, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 10 of 11
Part No.
Product Description
FTM-9612S-SL15G
1310nm Tx/1490nm RX for ONU, 1.25Gbps, 15km, SFP with Spring-Latch ,SC
receptacle, 0°C~+70°C
FTM-9612S-SL15iG
1310nm Tx/1490nm RX for ONU, 1.25Gbps, 15km, SFP with Spring-Latch ,SC
receptacle, -40°C~+85°C
FTM-9912S-SL15G
1490nm Tx/1310nm RX for OLT, 1.25Gbps, 15km, SFP with Spring-latch, SC receptacle,
0°C~+70°C
FTM-9912S-SL15iG
1490nm Tx/1310nm RX for OLT, 1.25Gbps, 15km, SFP with Spring-latch, SC receptacle,
-40°C~+85°C
Related Documents
For further information, please refer to the following documents: Flexon
TM SFP Installation Guide
Flexon
TM SFP Installation Guide
Flexon
TM SFP Application Notes
SFP Multi-Source Agreement (MSA)
Obtaining Document
You can visit our website:
http://www.fiberxon.com
Or contact with Fiberxon, Inc. America Sales Office listed at the end of documentation to get the latest
documents.
Revision History
Revision
Initiate
Review
Approve
Subject
Release Date
Rev. 1a
Solaris.Zhu
Gary.Chen
Walker.Wei
Initial datasheet
Jan. 18, 2006
Rev. 1b
Solaris.Zhu
Monica.Wei
Walker.Wei Modified
the
recommended
interface circuit; Adjusted RMS
spectral width
Mar. 30, 2006
Rev. 1c
Solaris.Zhu
Monica Wei
Walker.Wei
ADD P/N: FTM-9612S-SL15G
Oct. 18, 2006
Rev. 1d
Solaris.Zhu
Monica Wei
Walker.Wei Updated
datasheet
from
preliminary
version
to
formal
version
Jun. 12, 2007
© Copyright Fiberxon Inc. 2007
All Rights Reserved.
All information contained in this document is subject to change without notice. The products described in this
document are NOT intended for use in implantation or other life support applications where malfunction may
result in injury or death to persons.
The information contained in this document does not affect or change Fiberxon’s product specifications or
warranties. Nothing in this document shall operate as an express or implied license or indemnity under the
intellectual property rights of Fiberxon or third parties. All information contained in this document was obtained


유사한 부품 번호 - FTM-9612S-SL15G

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
FTM-9612S-SL10G SOURCE-FTM-9612S-SL10G Datasheet
331Kb / 11P
1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612S-SL10IG SOURCE-FTM-9612S-SL10IG Datasheet
331Kb / 11P
1.25Gbps Single Fiber Bi-directional SFP Transceiver
More results

유사한 설명 - FTM-9612S-SL15G

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
SFP Bi-Directional Transceiver
FTM-9612S-K15EG SOURCE-FTM-9612S-K15EG Datasheet
348Kb / 9P
1.25Gbps Single Fiber Bi-directional SFF 2*10 Transceiver
FTM-9612S-SL10G SOURCE-FTM-9612S-SL10G Datasheet
331Kb / 11P
1.25Gbps Single Fiber Bi-directional SFP Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
SFP Bi-Directional Transceiver
FTM-9312S-G10G SOURCE-FTM-9312S-G10G Datasheet
287Kb / 10P
1.25Gbps Single Fiber Bi-directional GBIC Transceiver
FTM-9612C-SL20G SOURCE-FTM-9612C-SL20G Datasheet
307Kb / 11P
1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612C-SL10G SOURCE-FTM-9612C-SL10G Datasheet
291Kb / 11P
1.25Gbps Single Fiber Bi-directional SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPT-BD53-01 PULSE-SFPT-BD53-01 Datasheet
222Kb / 11P
1.25Gbps SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com