전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FTM-9612S-SL15G 데이터시트(PDF) 3 Page - Source Photonics, Inc.

부품명 FTM-9612S-SL15G
상세설명  1.25Gbps Single Fiber Bi-directional SFP Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SOURCE [Source Photonics, Inc.]
홈페이지  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9612S-SL15G 데이터시트(HTML) 3 Page - Source Photonics, Inc.

  FTM-9612S-SL15G Datasheet HTML 1Page - Source Photonics, Inc. FTM-9612S-SL15G Datasheet HTML 2Page - Source Photonics, Inc. FTM-9612S-SL15G Datasheet HTML 3Page - Source Photonics, Inc. FTM-9612S-SL15G Datasheet HTML 4Page - Source Photonics, Inc. FTM-9612S-SL15G Datasheet HTML 5Page - Source Photonics, Inc. FTM-9612S-SL15G Datasheet HTML 6Page - Source Photonics, Inc. FTM-9612S-SL15G Datasheet HTML 7Page - Source Photonics, Inc. FTM-9612S-SL15G Datasheet HTML 8Page - Source Photonics, Inc. FTM-9612S-SL15G Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1.25Gbps Single Fiber Bi-directional SFP Transceiver
15km point-to-point transmission
`
Jun 12, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 3 of 11
Parameter
Symbol
Min.
Typical
Max.
Unit
Note
-40
+85
°C
1
Operating Case Temperature
TC
0
+70
°C
2
Power Supply Voltage
VCC
3.13
3.3
3.47
V
Power Supply Current
ICC
300
mA
Data Rate
1.25
Gbps
1. FTM-9612S-SL15iG/ FTM-9912S-SL15iG
2. FTM-9612S-SL15G/ FTM-9912S-SL15G
FTM-9612S-SL15G/FTM-9612S-SL15iG (1310nm FP Tx/1490nm PIN Rx for ONU, 15km)
Table 4 –Optical and Electrical Characteristics (Over operation temperature, VCC=3.13 to 3.47V)
Parameter
Symbol
Min.
Typical
Max.
Unit
Note
Transmitter
Centre Wavelength
λC
1260
1310
1360
nm
Average Launch Power
P0ut
-8
-3
dBm
1
Average Launch Power of OFF Transmitter
-45
dBm
1260nm
2.09
1270nm
2.52
1280nm
3.13
1286nm
1343nm
3.50
1350nm
3.06
Spectral
Width
(RMS)
1360nm
∆λ
2.58
nm
Extinction Ratio
EX
6
dB
Launch OMA
OMA
-8.2
dBm
Rise/Fall Time (20%~80%)
tr /tf
0.26
ns
Relative Intensity Noise
RIN12OMA
-113
dB/Hz
Optical Return Loss tolerance
12
dB
Deterministic Jitter
DJ
200
ps
Total Jitter
TJ
385
ps
Output Optical Eye
IEEE 802.3ah Compatible
2
Single Ended Data Input Swing
VIN
250
1200
mV
3
Input Differential Impedance
ZIN
80
100
120
Disable
2.0
Vcc
V
TX Disable
Enable
0
0.8
V
Fault
2.0
Vcc+0.3
V
TX Fault
Normal
0
0.8
V
Receiver
Centre Wavelength
λC
1480
1490
1500
nm
Receiver Sensitivity
-23
dBm
4


유사한 부품 번호 - FTM-9612S-SL15G

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
FTM-9612S-SL10G SOURCE-FTM-9612S-SL10G Datasheet
331Kb / 11P
1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612S-SL10IG SOURCE-FTM-9612S-SL10IG Datasheet
331Kb / 11P
1.25Gbps Single Fiber Bi-directional SFP Transceiver
More results

유사한 설명 - FTM-9612S-SL15G

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
SFP Bi-Directional Transceiver
FTM-9612S-K15EG SOURCE-FTM-9612S-K15EG Datasheet
348Kb / 9P
1.25Gbps Single Fiber Bi-directional SFF 2*10 Transceiver
FTM-9612S-SL10G SOURCE-FTM-9612S-SL10G Datasheet
331Kb / 11P
1.25Gbps Single Fiber Bi-directional SFP Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
SFP Bi-Directional Transceiver
FTM-9312S-G10G SOURCE-FTM-9312S-G10G Datasheet
287Kb / 10P
1.25Gbps Single Fiber Bi-directional GBIC Transceiver
FTM-9612C-SL20G SOURCE-FTM-9612C-SL20G Datasheet
307Kb / 11P
1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612C-SL10G SOURCE-FTM-9612C-SL10G Datasheet
291Kb / 11P
1.25Gbps Single Fiber Bi-directional SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPT-BD53-01 PULSE-SFPT-BD53-01 Datasheet
222Kb / 11P
1.25Gbps SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com