전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FTM-9612C-SL10G 데이터시트(PDF) 2 Page - Source Photonics, Inc.

부품명 FTM-9612C-SL10G
상세설명  1.25Gbps Single Fiber Bi-directional SFP Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SOURCE [Source Photonics, Inc.]
홈페이지  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9612C-SL10G 데이터시트(HTML) 2 Page - Source Photonics, Inc.

  FTM-9612C-SL10G Datasheet HTML 1Page - Source Photonics, Inc. FTM-9612C-SL10G Datasheet HTML 2Page - Source Photonics, Inc. FTM-9612C-SL10G Datasheet HTML 3Page - Source Photonics, Inc. FTM-9612C-SL10G Datasheet HTML 4Page - Source Photonics, Inc. FTM-9612C-SL10G Datasheet HTML 5Page - Source Photonics, Inc. FTM-9612C-SL10G Datasheet HTML 6Page - Source Photonics, Inc. FTM-9612C-SL10G Datasheet HTML 7Page - Source Photonics, Inc. FTM-9612C-SL10G Datasheet HTML 8Page - Source Photonics, Inc. FTM-9612C-SL10G Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1.25Gbps Single Fiber Bi-directional SFP Transceiver
10km point-to-point transmission
`
Jun.12, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 2 of 11
Regulatory Compliance
The transceivers have been tested according to American and European product safety and electromagnetic
compatibility regulations (See Table 1). For further information regarding regulatory certification, please refer
to FlexonTM regulatory specification and safety guidelines, or contact with Fiberxon, Inc. America sales office
listed at the end of the documentation.
Table 1 - Regulatory Compliance
Feature
Standard
Performance
Electrostatic Discharge
(ESD) to the Electrical Pins
MIL-STD-883E
Method 3015.7
Class 2(>2000 V)
Electrostatic Discharge (ESD)
to LC Receptacle
IEC 61000-4-2
GR-1089-CORE
Compatible with standards
Electromagnetic
Interference (EMI)
FCC Part 15 Class B
EN55022 Class B (CISPR 22B)
VCCI Class B
Compatible with standards
Immunity
IEC 61000-4-3
Compatible with standards
Laser Eye Safety
FDA 21CFR 1040.10 and 1040.11
EN60950, EN (IEC) 60825-1,2
Compatible with Class 1 laser
product.
Component Recognition
UL and CSA
Compatible with standards
RoHS
2002/95/EC 4.1&4.2
2005/747/EC
Compliant with standards note
Note:
In light of item 5 in Annex of 2002/95/EC, “Pb in the glass of cathode ray tubes, electronic components and
fluorescent tubes.” and item 13 in Annex of 2005/747/EC, “Lead and cadmium in optical and filter glass.”, the
two exemptions are being concerned for Fiberxon’s transceivers, because Fiberxon’s transceivers use glass,
which may contain Pb, for components such as lenses, windows, isolators, and other electronic components.
Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the devices may occur.
Table 2 – Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Note
Storage Temperature
TS
-40
+85
°C
-40
+85
°C
1
Operating Case Temperature
TC
0
+70
°C
2
Supply Voltage
VCC
0
+4
V
Input Voltage
Vin
0
VCC
V
1. FTM-9612C-SL10iG / FTM-9912C-SL10iG
2. FTM-9612C-SL10G / FTM-9912C-SL10G
Recommended Operating Conditions
Table 3 - Recommended Operating Conditions


유사한 부품 번호 - FTM-9612C-SL10G

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
FTM-9612C-SL20G SOURCE-FTM-9612C-SL20G Datasheet
307Kb / 11P
1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612C-SL20iG SOURCE-FTM-9612C-SL20iG Datasheet
307Kb / 11P
1.25Gbps Single Fiber Bi-directional SFP Transceiver
More results

유사한 설명 - FTM-9612C-SL10G

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
SFP Bi-Directional Transceiver
FTM-9612S-K15EG SOURCE-FTM-9612S-K15EG Datasheet
348Kb / 9P
1.25Gbps Single Fiber Bi-directional SFF 2*10 Transceiver
FTM-9612S-SL10G SOURCE-FTM-9612S-SL10G Datasheet
331Kb / 11P
1.25Gbps Single Fiber Bi-directional SFP Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
SFP Bi-Directional Transceiver
FTM-9312S-G10G SOURCE-FTM-9312S-G10G Datasheet
287Kb / 10P
1.25Gbps Single Fiber Bi-directional GBIC Transceiver
FTM-9612S-SL15G SOURCE-FTM-9612S-SL15G Datasheet
291Kb / 11P
1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612C-SL20G SOURCE-FTM-9612C-SL20G Datasheet
307Kb / 11P
1.25Gbps Single Fiber Bi-directional SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPT-BD53-01 PULSE-SFPT-BD53-01 Datasheet
222Kb / 11P
1.25Gbps SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com