전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SBM4001PT 데이터시트(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

부품명 SBM4001PT
상세설명  GLASS PASSIVATED SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENMKO [Chenmko Enterprise Co. Ltd.]
홈페이지  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

SBM4001PT 데이터시트(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  SBM4001PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. SBM4001PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Low leakage current
* Ideal for surface mounted applications
* Metallurgically bonded construction
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Glass passivated junction
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
SBM4001PT
THRU
SBM4007PT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
GLASS PASSIVATED SILICON RECTIFIER
VOLTAGE RANGE 50 - 1000 Volts
CURRENT 1.0 Ampere
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
Maximum Average Reverse Current
at Rated DC Blocking Voltage
CHARACTERISTICS
SYMBOL
UNITS
1.0
@ TA = 25
oC
@ TA = 125
oC
5.0
50
uAmps
uAmps
Volts
Maximum Instantaneous Forward Voltage at 1.0 A DC
30
uAmps
Maximum Full Load Reverse Current,
Full cycle Average at TA = 75
oC
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current TL = 110
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Maximum Thermal Resistance
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
R JA
VF
IR
TJ, TSTG
IFSM
SBM4001PT
50
Volts
Volts
Volts
Amps
35
50
200
140
200
280
400
400
600
420
600
800
560
800
1000
700
1000
1.0
30
15
20
50
-65 to +175
Amps
pF
oC / W
oC / W
oC
100
70
100
R JL
1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
2. Thermal Resistance Junction to terminal, 6.0 mm
2 copper pads to each terminal
3. Thermal Resistance Junction to ambient, 6.0 mm
2 copper pads to each terminal
(Note 2)
(Note 3)
2004-10
UNITS
Case: JEDEC SMB molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Indicated by cathode band
Weight: 0.003 ounces, 0.093 gram
MECHANICAL DATA
SMB
SBM4002PT SBM4003PT SBM4004PT SBM4005PT SBM4006PT SBM4007PT
SBM4002PT SBM4003PT SBM4004PT SBM4005PT SBM4006PT SBM4007PT
SBM4001PT
SMB
Dimensions in inches and (millimeters)
0.155 (3.94)
0.130 (3.30)
0.096 (2.44)
0.084 (2.13)
0.060 (1.52)
0.030 (0.76)
0.012 (0.305)
0.006 (0.152)
0.160 (4.06)
0.083 (2.11)
0.077 (1.96)
0.220 (5.59)
0.205 (5.21)
(1)
(2)
0.190 (4.75)
0.008 (0.203)(max)


유사한 부품 번호 - SBM4001PT

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SBM4045LDC PANJIT-SBM4045LDC Datasheet
267Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SBM4060CT PANJIT-SBM4060CT Datasheet
159Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS
SBM4060CT PANJIT-SBM4060CT_16 Datasheet
160Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS
SBM4060CT_T0_00001 PANJIT-SBM4060CT_T0_00001 Datasheet
160Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - SBM4001PT

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
Shanghai Shunye Electro...
1N4001G SY-1N4001G Datasheet
232Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
6A05G SY-6A05G Datasheet
1,002Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N4001SG SHUNYE-1N4001SG_17 Datasheet
594Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N5400G SHUNYE-1N5400G_17 Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY127G SHUNYE-BY127G_17 Datasheet
991Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N5391G SHUNYE-1N5391G Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY251G SHUNYE-BY251G Datasheet
995Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Sangdest Microelectroni...
RL201G SMC-RL201G Datasheet
210Kb / 4P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Microdiode Electronics ...
1N4001G CHENDA-1N4001G_V01 Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com