전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS-12B-K 데이터시트(PDF) 3 Page - Fujitsu Component Limited.

부품명 JS-12B-K
상세설명  POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [Fujitsu Component Limited.]
홈페이지  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

JS-12B-K 데이터시트(HTML) 3 Page - Fujitsu Component Limited.

  JS-12B-K Datasheet HTML 1Page - Fujitsu Component Limited. JS-12B-K Datasheet HTML 2Page - Fujitsu Component Limited. JS-12B-K Datasheet HTML 3Page - Fujitsu Component Limited. JS-12B-K Datasheet HTML 4Page - Fujitsu Component Limited. JS-12B-K Datasheet HTML 5Page - Fujitsu Component Limited. JS-12B-K Datasheet HTML 6Page - Fujitsu Component Limited. JS-12B-K Datasheet HTML 7Page - Fujitsu Component Limited. JS-12B-K Datasheet HTML 8Page - Fujitsu Component Limited. JS-12B-K Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
JS SERIES
n
SPECIFICATIONS
Item
Non-V3 type
V3 type
JS ( )-E-K, JS ( )-K, JS ( )B-K
JS ( )-N-K, JS ( )-F-K,
JS ( )-D-K
JS ( )-K, JS ( )N-K
Contact
Arrangement
 Form C (SPDT),  Form A (SPST-NO)
Material
0.3µ Ag plated
3µ Ag plated
Resistance (initial)
Max. 100mΩ 1A, 6VDC)
Max. 30mΩ (1A 6VDC)
Rating
8A 250 VAC / 24 VDC
Max. carrying current
0A
Max. switching power
2,000 VA / 192 W
Max. switching voltage
400 VAC/ 150 VDC
Min. switching load
100 mA 5 VDC
10 mA 5 VDC
Coil
Nominal power (at 20°C)
220 to 290 mW
Operate power (at 20°C)
0 to 40 mW
Operating temperature (at 20°C)
-40°C to +85°C (no frost)
Time value
Operate
Max. 10 ms (at nominal voltage, without bounce)
Release (without diode)
Max. 5 ms (at nominal voltage, without bounce)
Life
Mechanical
Min. 20x106 operations
Electrical
AC rated load
Min. 100x103 operations (JS-( )N-K min. 50x103 ops.)
DC rated load
Min. 100x103 operations (JS-( )N-K min. 50x103 ops.)
Vibration
resistance
Misoperation ≥ 1µs
10 to 55 Hz at double amplitude of 1.65 mm
Endurance
10 to 55 Hz at double amplitude of 3.3 mm
Shock
resistance
Misoperation ≥ 1µs
Min. 100 m/s2 (± ms)
Endurance
Min. 1,000 m/s2 (6± ms)
Weight
Approx. 8 g
* Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual
load before production since reference values may vary according to switching frequencies, environmental conditions
and expected reliability levels.
n
COIL DATA CHART
Note : All values in the table are measured at 20°C.
*1: No contact current at 20°C.
*2: Specified values are subject to pulse wave voltage.
Coil
voltage
Nominal
voltage
Maximum
voltage*
Coil resistance
(±0%)
Must operate
voltage*2
Must release
voltage*2
Nominal
Power
5
5 VDC
11.8 VDC
112 Ω
3.5 VDC
0.5 VDC
225 mW
6
6 VDC
14.1 VDC
160 Ω
4.2 VDC
0.6 VDC
225 mW
9
9 VDC
21.2 VDC
360 Ω
6.3 VDC
0.9 VDC
225 mW
12
12 VDC
28.3 VDC
660 Ω
8.5 VDC
1.2 VDC
220 mW
18
18 VDC
42.4 VDC
1,455 Ω
12.7 VDC
1.8 VDC
225 mW
24
24 VDC
56.6 VDC
2,350 Ω
16.8 VDC
2.4 VDC
245 mW
48
48 VDC
105.6 VDC
8,000 Ω
33.4 VDC
4.8 VDC
290 mW
60
60 VDC
132.0 VDC
12,500 Ω
41.7 VDC
6.0 VDC
290 mW


유사한 부품 번호 - JS-12B-K

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
JS-12-K FUJITSU-JS-12-K Datasheet
618Kb / 8P
POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-K-V3 FUJITSU-JS-12-K-V3 Datasheet
618Kb / 8P
POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT-V3 FUJITSU-JS-12-KT-V3 Datasheet
618Kb / 8P
POWER RELAY 1 POLE - 8A Medium Load Control
JS-12D-K FUJITSU-JS-12D-K Datasheet
618Kb / 8P
POWER RELAY 1 POLE - 8A Medium Load Control
More results

유사한 설명 - JS-12B-K

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
POWER RELAY 1 POLE - 8A Medium Load Control
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
POWER RELAY 1 POLE - 8A Medium Load Control
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
POWER RELAY 1 POLE - 5A/10A Medium Load Control
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
POWER RELAY 1 POLE - 10A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com