| 전자부품 데이터시트 검색엔진 |
|
ST7263BHx 데이터시트(PDF) 137 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7263BHx 데이터시트(HTML) 137 Page - STMicroelectronics |
|
137 / 186 page ![]() ST7263Bxx Instruction set Doc ID 7516 Rev 8 137/186 JRUGT Jump if (C + Z = 0) Unsigned > JRULE Jump if (C + Z = 1) Unsigned <= LD Load dst <= src reg, M M, reg N Z MUL Multiply X,A = X * A A, X, Y X, Y, A 0 0 NEG Negate (2's compl) neg $10 reg, M N Z C NOP No Operation OR OR operation A = A + M A M N Z POP Pop from the Stack pop reg reg M pop CC CC M H I N Z C PUSH Push onto the Stack push Y M reg, CC RCF Reset carry flag C = 0 0 RET Subroutine Return RIM Enable Interrupts I = 0 0 RLC Rotate left true C C <= Dst <= C reg, M N Z C RRC Rotate right true C C => Dst => C reg, M N Z C RSP Reset Stack Pointer S = Max allowed SBC Subtract with Carry A = A - M - C A M N Z C SCF Set carry flag C = 1 1 SIM Disable Interrupts I = 1 1 SLA Shift left Arithmetic C <= Dst <= 0 reg, M N Z C SLL Shift left Logic C <= Dst <= 0 reg, M N Z C SRL Shift right Logic 0 => Dst => C reg, M 0 Z C SRA Shift right Arithmetic Dst7 => Dst => C reg, M N Z C SUB Subtraction A = A - M A M N Z C SWAP SWAP nibbles Dst[7..4] <=> Dst[3..0] reg, M N Z TNZ Test for Neg & Zero tnz lbl1 N Z TRAP S/W trap S/W interrupt 1 WFI Wait for Interrupt 0 XOR Exclusive OR A = A XOR M A M N Z Table 54. Instructions (continued) Mnemo Description Function/example Dst Src H I N Z C |