전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F103VCT6TR 데이터시트(PDF) 102 Page - STMicroelectronics

부품명 STM32F103VCT6TR
상세설명  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VCT6TR 데이터시트(HTML) 102 Page - STMicroelectronics

Back Button STM32F103VCT6TR Datasheet HTML 98Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 99Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 100Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 101Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 102Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 103Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 104Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 105Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 123 page
background image
Electrical characteristics
STM32F103xC, STM32F103xD, STM32F103xE
102/123
Doc ID 14611 Rev 7
Figure 56.
Power supply and reference decoupling (VREF+ connected to VDDA)
1.
VREF+ and VREF– inputs are available only on 100-pin packages.
VREF+/VDDA
STM32F103xx
1 µF // 10 nF
VREF–/VSSA
ai14389
(See note 1)
(See note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More