전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F44J10-I/MLQTP 데이터시트(PDF) 111 Page - Microchip Technology

부품명 PIC18F44J10-I/MLQTP
상세설명  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/MLQTP 데이터시트(HTML) 111 Page - Microchip Technology

Back Button PIC18F44J10-I/MLQTP Datasheet HTML 107Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 108Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 109Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 110Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 111Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 112Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 113Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 114Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 109
PIC18F45J10 FAMILY
TABLE 10-10: SUMMARY OF REGISTERS ASSOCIATED WITH PORTD
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
PORTD(1)
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
50
LATD(1)
PORTD Data Latch Register (Read and Write to Data Latch)
50
TRISD(1)
PORTD Data Direction Control Register
50
TRISE(1)
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
50
CCP1CON
P1M1(1)
P1M0(1)
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
49
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used by PORTD.
Note 1:
These registers and/or bits are not available in 28-pin devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More