전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F44J10-I/ML 데이터시트(PDF) 105 Page - Microchip Technology

부품명 PIC18F44J10-I/ML
상세설명  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/ML 데이터시트(HTML) 105 Page - Microchip Technology

Back Button PIC18F44J10-I/ML Datasheet HTML 101Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 102Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 103Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 104Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 105Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 106Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 107Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 108Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 103
PIC18F45J10 FAMILY
TABLE 10-6:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
50
LATB
PORTB Data Latch Register (Read and Write to Data Latch)
50
TRISB
PORTB Data Direction Control Register
50
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
47
INTCON2
RBPU
INTEDG0 INTEDG1 INTEDG2
—
TMR0IP
—RBIP
47
INTCON3
INT2IP
INT1IP
—INT2IE
INT1IE
—
INT2IF
INT1IF
47
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
48
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used by PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More