| 전자부품 데이터시트 검색엔진 |
|
PCIMX512CJM6C 데이터시트(PDF) 116 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCIMX512CJM6C 데이터시트(HTML) 116 Page - Freescale Semiconductor, Inc |
|
116 / 184 page ![]() i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1 116 Freescale Semiconductor Preliminary—Subject to Change Without Notice Electrical Characteristics Figure 83. Active-Low-Reset Cards Reset Sequence 3.7.12.2 Power Down Sequence Power down sequence for SIM interface is as follows: • SIMx_SIMPDy port detects the removal of the SIM Card • SIMx_RSTy goes Low • SIMx_CLKy goes Low • SIMx_DATAy_RX_TX goes Low • SIMx_SVENy goes Low Each of these steps is done in one CKIL period (usually 32 kHz). Power-down can be started because of a SIM Card removal detection or launched by the processor. Find in the table and figure below the usual timing requirements for this sequence, with Fckil = CKIL frequency value. SIMx_SVENy SIMx_CLKy SIMx_DATAy_RX_TX 2 T0 1 response SIMx_RSTy T1 1 2 < 200 clock cycles < 40000 clock cycles 400 clock cycles < 3 3 3 400000 clock cycles < |