전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCIMX512CJM6C 데이터시트(PDF) 142 Page - Freescale Semiconductor, Inc

부품명 PCIMX512CJM6C
상세설명  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C 데이터시트(HTML) 142 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 138Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 139Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 140Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 141Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 142Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 143Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 144Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 145Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 146Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
142
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Package Information and Contact Assignments
CSI1_D8
A20
NVCC_PER8
GPIO
Input
Keeper
CSI1_D9
B20
NVCC_PER8
GPIO
Input
Keeper
CSI1_HSYNC
C19
NVCC_PER8
GPIO
Input
Keeper
CSI1_MCLK
F19
NVCC_PER8
GPIO
Input
Keeper
CSI1_PIXCLK
D19
NVCC_PER8
GPIO
Input
Keeper
CSI1_VSYNC
B19
NVCC_PER8
GPIO
Input
Keeper
CSI2_D12
F11
NVCC_PER9
GPIO
Input
Keeper
CSI2_D13
D8
NVCC_PER9
GPIO
Input
Keeper
CSI2_D14
M25
NVCC_HS4_1
HSGPIO
Input
Keeper
CSI2_D15
M24
NVCC_HS4_1
HSGPIO
Input
Keeper
CSI2_D16
M23
NVCC_HS4_1
HSGPIO
Input
Keeper
CSI2_D17
M22
NVCC_HS4_1
HSGPIO
Input
Keeper
CSI2_D18
A7
NVCC_PER9
GPIO
Input
Keeper
CSI2_D19
C7
NVCC_PER9
GPIO
Input
Keeper
CSI2_HSYNC
J20
NVCC_PER8
GPIO
Input
Keeper
CSI2_PIXCLK
D21
NVCC_PER8
GPIO
Input
Keeper
CSI2_VSYNC
C20
NVCC_PER8
GPIO
Input
Keeper
CSPI1_MISO
F12
NVCC_PER10
GPIO
Input
100 k
Ω pull-up
CSPI1_MOSI
D9
NVCC_PER10
GPIO
Input
100 k
Ω pull-up
CSPI1_RDY
A8
NVCC_PER10
GPIO
Input
Keeper
CSPI1_SCLK
D11
NVCC_PER10
GPIO
Input
100 k
Ω pull-up
CSPI1_SS0
D10
NVCC_PER10
GPIO
Input
100 k
Ω pull-up
CSPI1_SS1
F13
NVCC_PER10
GPIO
Input
100 k
Ω pull-up
DI_GP1
F20
NVCC_IPU6
GPIO
Input
Keeper
DI_GP2
K20
NVCC_IPU6
GPIO
Input
Keeper
DI_GP3
H23
NVCC_IPU7
GPIO
Input
100 k
Ω pull-up
DI_GP4
K23
NVCC_IPU7
GPIO
Input
100 k
Ω pull-up
DI1_D0_CS
W20
NVCC_IPU2
GPIO
Output
Low
DI1_D1_CS
T18
NVCC_IPU2
GPIO
Output
Low
DI1_DISP_CLK
J22
NVCC_IPU6
GPIO
Output
Low
DI1_PIN11
V18
NVCC_IPU2
GPIO
Output
Low
DI1_PIN12
W25
NVCC_IPU2
GPIO
Output
Low
Table 111. 13
× 13 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Contact Assignment
Power Rail
I/O Buffer
Type
Direction
after Reset1
Configuraton
after Reset1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More