전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA4605-3 데이터시트(PDF) 9 Page - Infineon Technologies AG

부품명 TDA4605-3
상세설명  Control IC for Switched-Mode Power Supplies using MOS-Transistors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA4605-3 데이터시트(HTML) 9 Page - Infineon Technologies AG

Back Button TDA4605-3 Datasheet HTML 5Page - Infineon Technologies AG TDA4605-3 Datasheet HTML 6Page - Infineon Technologies AG TDA4605-3 Datasheet HTML 7Page - Infineon Technologies AG TDA4605-3 Datasheet HTML 8Page - Infineon Technologies AG TDA4605-3 Datasheet HTML 9Page - Infineon Technologies AG TDA4605-3 Datasheet HTML 10Page - Infineon Technologies AG TDA4605-3 Datasheet HTML 11Page - Infineon Technologies AG TDA4605-3 Datasheet HTML 12Page - Infineon Technologies AG TDA4605-3 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Version 2.0
9
1 Jul 2002
TDA 4605-3
Pin 8
The zero detector controlling the logic block recognizes the transformer being discharged by
positive to negative zero crossing of pin 8 voltage and enables the logic for a new pulse. Parasitic
oscillations occurring at the end of a pulse cannot lead to a new pulse (double pulsing), because an
internal circuit inhibits the zero detector for a finite time
tUL after the end of each pulse.
Start-Up Behaviour
The start-up behaviour of the application circuit per sheet 88 is represented an sheet 90 for a line
voltage barely above the lower acceptable limit time
t0 the following voltages built up:
V6 corresponding to the half-wave charge current over R1
V2 to V2 max (typically 6.6 V)
V3 to the value determined by the divider R 10/R 11 .
The current drawn by the IC in this case is less than 1.6 mA.
If
V6 reaches the threshold V6E (time point t1), the IC switches on the internal reference voltage. The
current draw max. rises to 12 mA. The primary current- voltage reproducer regulates
V2 down to V2B
and the starting impulse generator generates the starting impulses from time point
t5 to t6 . The
feedback to pin 8 starts the next impulse and so on. All impulses including the starting impulse are
controlled in width by regulating voltage of pin 1. When switching on this corresponds to a short-
circuit event, i.e.
V1 = 0. Hence the IC starts up with "short-circuit impulses" to assume a width
depending on the regulating voltage feedback (the IC operates in the overload range). The IC
operates at the overload point. Thereafter the peak values of
V2 decrease rapidly, as the starting
attempt is aborted (pin 5 is switched to low). As the IC remains switched on,
V6 further decreases
to
V6 . The IC switches off; V6 can rise again (time point t4) and a new start-up attempt begins at
time point
t1 . If the rectified alternating Iine voltage (primary voltage) collapses during load, V3 can
fall below
V3A , as is happening at time point t3 (switch-on attempt when voltage is too low). The
primary voltage monitor then clamps
V3 to V3S until the IC switches off (V6 < V6A). Then a new start-
up attempt begins at time point
t1 .


유사한 부품 번호 - TDA4605-3

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA4605-3 SIEMENS-TDA4605-3 Datasheet
557Kb / 20P
Control IC for Switched-Mode Power Supplies using MOS-Transistor
More results

유사한 설명 - TDA4605-3

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
Control circuit for switched mode power supplies
November 1993
logo
STMicroelectronics
TDA4605 STMICROELECTRONICS-TDA4605 Datasheet
63Kb / 6P
CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
logo
Siemens Semiconductor G...
TDA4605-2 SIEMENS-TDA4605-2 Datasheet
560Kb / 20P
Control IC for Switched-Mode Power Supplies using MOS-Transistors
TDA4605-3 SIEMENS-TDA4605-3 Datasheet
557Kb / 20P
Control IC for Switched-Mode Power Supplies using MOS-Transistor
TDA4605 SIEMENS-TDA4605 Datasheet
631Kb / 21P
Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
Integral Corp.
ILA4605-2 INTEGRAL-ILA4605-2 Datasheet
144Kb / 3P
Control IC for Switched Mode Power Supplies using MOS Transistors
logo
KODENSHI_AUK CORP.
KKA4605-2 KODENSHI-KKA4605-2 Datasheet
174Kb / 4P
Control IC for Switched Mode Power Supplies using MOS Transistors
logo
STMicroelectronics
TDA4605 STMICROELECTRONICS-TDA4605_03 Datasheet
119Kb / 7P
CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
logo
Infineon Technologies A...
TDA4605-2 INFINEON-TDA4605-2 Datasheet
782Kb / 23P
Control IC for Switched-Mode Power Supplies using MOS-Transistors
V2.0, 1 Jul 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com