전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F6411FNFP 데이터시트(PDF) 102 Page - Renesas Technology Corp

부품명 R5F6411FNFP
상세설명  RENESAS MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FNFP 데이터시트(HTML) 102 Page - Renesas Technology Corp

Back Button R5F6411FNFP Datasheet HTML 97Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 98Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 99Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 100Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 101Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 102Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 103Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 104Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 105Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 102 / 105 page
background image
A- 3
8
• Completed “under development” phase of part numbers
R5F64110DFB, R5F64111DFB, R5F64112DFB, R5F64114DFB,
R5F64115DFB, and R5F64116DFB in Table 1.7
• Added product information for 100-pin LGA and 80-/64-pin packages
to Table 1.7
9
• Added product information for 100-pin LGA and 80-/64-pin packages,
and 32-Kbyte RAM to Figure 1.1
• Deleted hyphenation for part number in Figure 1.1
11, 12,
14, 18,
21
• Added Figures 1.3, 1.4, and 1.6 to 1.8 to provide block diagrams and
pin assignment for 100-pin LGA and 80-/64-pin packages
13
• Changed the order of Notes in Figures 1.5
15-17
• Added pin No. for 100-pin LGA package to Tables 1.8 to 1.10
19, 20,
22, 23
• Added Tables 1.11 to 1.14 to provide pin characteristics for 80-/64-pin
packages.
24
• Changed the following expression: “A ceramic resonator or a crystal
oscillator” for “Main clock input/output” in Table 1.15, to “A crystal, or a
ceramic resonator”
25
• Modified descriptions for
HLDA and RDY of “Bus control pins” in Table
1.16
26
• Changed the following expression: “selected” for “Input port” in Table
1.17
, to “selectable”
• Modified description “TXD2” for TXD0 to TXD8 of “Serial interface” in
Table 1.17
, to “TXD2 output”
28-30
• Added Tables 1.19 to 1.21 to provide pin definitions and functions for
80-/64-pin packages
Chapter 2. CPU
—
• Made major text modifications to this chapter
33
• Changed the following expression: “a requested interrupt’s priority
level” in line 2 of 2.1.8.11, to “the interrupt request level”
Chapter 3. Memory
35
• Made major text modifications to this chapter
• Changed RAM size “40” in line 7 of this chapter, to “63”, and address
“0000A3FFh” in line 8, to “0000FFFFh”
• Added descriptions for 32-Kbyte RAM and 128-Kbyte ROM to Figure
3.1
• Changed two “can be”s in Notes 3 and 4 of Figure 3.1, to “becomes”s
Chapter 4. SFRs
36
• Changed hexadecimal format of reset values for registers CCR and
FMCR in Table 4.1, to binary
• Added FEBC3 register to addresses 000010h-000011h in Table 4.1
• Changed FEBC register for addresses 00001Ch-00001Dh, to FEBC0
in Table 4.1
• Modified the following register name in Table 4.1: “Chip-select
Boundary (between n and n + 1) Setting Register”, to “Chip-select n
and n + 1 Boundary Setting Register”
REVISION HISTORY
R32C/111 Group Datasheet
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com