| 전자부품 데이터시트 검색엔진 |
|
ATtiny261-ESSZ 데이터시트(PDF) 159 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny261-ESSZ 데이터시트(HTML) 159 Page - ATMEL Corporation |
|
159 / 227 page ![]() 159 7753C–AVR–07/09 ATtiny261/ATtiny461/ATtiny861 100000 N/A ADC0(PA0) ADC1(PA1) 20x/32x 100001 ADC0(PA0) ADC1(PA1) 1x/8x 100010 ADC1(PA1 ADC0(PA0) 20x/32x 100011 ADC1(PA1) ADC0(PA0) 1x/8x 100100 N/A ADC1(PA1) ADC2(PA2) 20x/32x 100101 ADC1(PA1) ADC2(PA2) 1x/8x 100110 ADC2(PA2 ADC1(PA1) 20x/32x 100111 ADC2(PA2) ADC1(PA1) 1x/8x 101000 N/A ADC2(PA2) ADC0(PA0) 20x/32x 101001 ADC2(PA2) ADC0(PA0) 1x/8x 101010 ADC0(PA0) ADC2(PA2) 20x/32x 101011 ADC0(PA0) ADC2(PA2) 1x/8x 101100 N/A ADC4(PA5) ADC5(PA6) 20x/32x 101101 ADC4(PA5) ADC5(PA6) 1x/8x 101110 ADC5(PA6) ADC4(PA5) 20x/32x 101111 ADC5(PA6) ADC4(PA5) 1x/8x 110000 N/A ADC5(PA6) ADC6(PA7) 20x/32x 110001 ADC5(PA6) ADC6(PA7) 1x/8x 110010 ADC6(PA7) ADC5(PA6) 20x/32x 110011 ADC6(PA7) ADC5(PA6) 1x/8x 110100 N/A ADC6(PA7) ADC4(PA5) 20x/32x 110101 ADC6(PA7) ADC4(PA5) 1x/8x 110110 ADC4(PA5) ADC6(PA7) 20x/32x 110111 ADC4(PA5) ADC6(PA7) 1x/8x 111000 N/A ADC0(PA0) ADC0(PA0) 20x/32x 111001 ADC0(PA0) ADC0(PA0) 1x/8x 111010 ADC1(PA1) ADC1(PA1) 20x/32x 111011 ADC2(PA2) ADC2(PA2) 20x/32x 111100 N/A ADC4(PA5) ADC4(PA5) 20x/32x 111101 ADC5(PA6) ADC5(PA6) 20x/32x 111110 ADC6(PA7) ADC6(PA7) 20x/32x 111111 ADC11 (1) N/A N/A N/A 1. For temperature sensor Table 19-5. Input Channel Selections (Continued) MUX5..0 Single Ended Input Positive Differential Input Negative Differential Input Gain |