전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KYC4251-7 데이터시트(PDF) 1 Page - IDEA.lnc.

부품명 KYC4251-7
상세설명  Water Clear LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDEA [IDEA.lnc.]
홈페이지  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

KYC4251-7 데이터시트(HTML) 1 Page - IDEA.lnc.

  KYC4251-7 Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice. Dimensions are in mm±0.3 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0508
J–23
K Series, Water Clear LED,
4251 K Series T 1 3/4, 5mm Round, Ultra Bright
These K series lamps are made with the brightest AlInGaP chips which can be used for super brightness at low current (2mA) or ultra
brightness at standard current (20mA). Please note the long lead is the anode.
GENERAL INFORMATION
Operating Temperature Range
-30 °C to +85 °C
Storage Temperature Range
-55 °C to +100 °C
Reflow Soldering Temperature
260 °C for 5 sec max
APPLICATION INFORMATION (ALL RATINGS AT 25 °C AMBIENT)
Part No.
Emitted
Color
Peak
∆λ
Absolute Maximum Ratings
E/O Characteristics
λ
Pd
If (mA)
Ir
Vr
Iv (mcd)
@If=20mA
Vf (V)
@ If=20mA
1/2
(nM)
(nM)
(mW)
dc
1/10 duty
@ 1 khz
@Vr=5V
(µA)
(V)
2mA
Min
Typ
Min
Typ
(Deg)
KRC4251-5
Red
632
20
120
25
200
10
5
138
1500
2460
2.0
2.4
10
KRC4251-6
Red
632
20
120
25
200
10
5
167
1810
3100
2.0
2.4
10
KYC4251-5
Yellow
591
15
120
25
200
10
5
163
1720
2790
2.0
2.4
10
KYC4251-6
Yellow
591
15
120
25
200
10
5
189
2150
3440
2.0
2.4
10
KYC4251-7
Yellow
591
15
120
25
200
10
5
-
2860
3720
2.0
2.4
10
KOC4251-5
Orange
621
18
120
25
200
10
5
186
1960
3350
2.0
2.4
10
KOC4251-6
Orange
621
18
120
25
200
10
5
216
2450
4080
2.0
2.4
10
KOC4251-7
Orange
621
18
120
25
200
10
5
-
3260
4240
2.0
2.4
10
KDC4251-5
DeepRd
650
20
120
25
200
10
5
-
1090
1480
2.0
2.4
10
KYOC4251-5 YelOrng
611
17
120
25
200
10
5
-
1840
3070
2.0
2.4
10
KYOC4251-6 YelOrng
611
17
120
25
200
10
5
-
2300
3760
2.0
2.4
10
KYOC4251-7 YelOrng
611
17
120
25
200
10
5
-
3060
3980
2.0
2.4
10
2.54
5.9±.3
5.0±.2
8.6±.3
1.0±.2
26.4 min
1.0 min


유사한 부품 번호 - KYC4251-7

제조업체부품명데이터시트상세설명
logo
IDEA.lnc.
KYC4381-5 IDEA-KYC4381-5 Datasheet
24Kb / 1P
Small View Angle, Water Clear LED
KYC4381-6 IDEA-KYC4381-6 Datasheet
24Kb / 1P
Small View Angle, Water Clear LED
KYC4381-7 IDEA-KYC4381-7 Datasheet
24Kb / 1P
Small View Angle, Water Clear LED
More results

유사한 설명 - KYC4251-7

제조업체부품명데이터시트상세설명
logo
Ningbo Foryard Optoelec...
FYL-48D4UWC1E-UWW FORYARD-FYL-48D4UWC1E-UWW Datasheet
281Kb / 5P
Water clear led
FYL-5012VC1C FORYARD-FYL-5012VC1C Datasheet
279Kb / 5P
Water clear led
FYL-5013LURC1C FORYARD-FYL-5013LURC1C_15 Datasheet
271Kb / 5P
Water clear led
FYL-5013SURC1C FORYARD-FYL-5013SURC1C_15 Datasheet
271Kb / 5P
Water clear led
FYL-5014BGC1C FORYARD-FYL-5014BGC1C Datasheet
280Kb / 5P
Water clear led
FYL-5014UWC1C-30 FORYARD-FYL-5014UWC1C-30 Datasheet
279Kb / 5P
Water clear led
FYL-5019URPGC1C-CA FORYARD-FYL-5019URPGC1C-CA Datasheet
276Kb / 5P
Water clear led
FYL-5043LURC1E FORYARD-FYL-5043LURC1E Datasheet
271Kb / 5P
Water clear led
FYL-5044UWC1E FORYARD-FYL-5044UWC1E_15 Datasheet
279Kb / 5P
Water clear led
FYL-5483UBC1A FORYARD-FYL-5483UBC1A_15 Datasheet
277Kb / 5P
Water clear led
FYL-10014UWC1A FORYARD-FYL-10014UWC1A_15 Datasheet
279Kb / 5P
Water clear led
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com