전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QBW018A0B61-HTZ 데이터시트(PDF) 10 Page - Lineage Power Corporation

부품명 QBW018A0B61-HTZ
상세설명  36-75Vdc Input; 12Vdc Output; 18A Output Current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBW018A0B61-HTZ 데이터시트(HTML) 10 Page - Lineage Power Corporation

Back Button QBW018A0B61-HTZ Datasheet HTML 6Page - Lineage Power Corporation QBW018A0B61-HTZ Datasheet HTML 7Page - Lineage Power Corporation QBW018A0B61-HTZ Datasheet HTML 8Page - Lineage Power Corporation QBW018A0B61-HTZ Datasheet HTML 9Page - Lineage Power Corporation QBW018A0B61-HTZ Datasheet HTML 10Page - Lineage Power Corporation QBW018A0B61-HTZ Datasheet HTML 11Page - Lineage Power Corporation QBW018A0B61-HTZ Datasheet HTML 12Page - Lineage Power Corporation QBW018A0B61-HTZ Datasheet HTML 13Page - Lineage Power Corporation QBW018A0B61-HTZ Datasheet HTML 14Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Data Sheet
March 27, 2008
QBW018A0B1-TZ Series Power Modules; DC-DC converters
36-75Vdc Input; 12Vdc Output; 18A Output Current
LINEAGE POWER
10
0
5
10
15
20
0
2040
6080
100
1m/s (200LFM)
3m/s (600LFM)
2m/s (400LFM)
LOCAL AMBIENT TEMPERATURE, TA (°C)
Figure 16. Output Current Derating for
QBW018A0B-TZ in the Transverse Orientation
with baseplate and 0.25-inch high heatsink;
Airflow Direction From Vin(–) to Vout(+); Vin = 48V
Layout Considerations
The QBW018 power module series are low profile in
order to be used in fine pitch system card
architectures. As such, component clearance
between the bottom of the power module and the
mounting board is limited. Avoid placing copper areas
on the outer layer directly underneath the power
module. Also avoid placing via interconnects
underneath the power module.
For additional layout guide-lines, refer to the PIM200X
and FLT007A0 Input Filter Module data sheets.
Post solder Cleaning and Drying
Considerations
Post solder cleaning is usually the final circuit-board
assembly process prior to electrical board testing. The
result of inadequate cleaning and drying can affect
both the reliability of a power module and the
testability of the finished circuit-board assembly. For
guidance on appropriate soldering, cleaning and
drying procedures, refer to Lineage Power Board
Mounted Power Modules: Soldering and Cleaning
Application Note.
Through-Hole Lead-Free Soldering
Information
The RoHS-compliant through-hole products use the
SAC (Sn/Ag/Cu) Pb-free solder and RoHS-compliant
components. They are designed to be processed
through single or dual wave soldering machines. The
pins have an RoHS-compliant finish that is compatible
with both Pb and Pb-free wave soldering processes.
A maximum preheat rate of 3
°C/s is suggested. The
wave preheat process should be such that the
temperature of the power module board is kept below
210
°C. For Pb solder, the recommended pot
temperature is 260
°C, while the Pb-free solder pot is
270
°C max. Not all RoHS-compliant through-hole
products can be processed with paste-through-hole
Pb or Pb-free reflow process. If additional information
is needed, please consult with your Lineage Power
representative for more details.
LOCAL AMBIENT TEMPERATURE, TA (°C)
Figure 17. Output Current Derating for QBW018A0B-
TZ in the Transverse Orientation with baseplate and
0.5-inch high heatsink; Airflow Direction From Vin(–)
to Vout(+); Vin = 48V
0
5
10
15
20
0
2040
6080
100
1m/s (200LFM)
3m/s (600LFM)
2m/s (400LFM)


유사한 부품 번호 - QBW018A0B61-HTZ

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
QBW018A0B61 LINEAGEPOWER-QBW018A0B61 Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B61Z LINEAGEPOWER-QBW018A0B61Z Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
More results

유사한 설명 - QBW018A0B61-HTZ

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
EBVW017A0X LINEAGEPOWER-EBVW017A0X Datasheet
1Mb / 15P
   36-75Vdc Input; 14.0Vdc Output; 17A Output Current
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com