전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QPW025A0F41 데이터시트(PDF) 13 Page - Lineage Power Corporation

부품명 QPW025A0F41
상세설명  36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QPW025A0F41 데이터시트(HTML) 13 Page - Lineage Power Corporation

Back Button QPW025A0F41 Datasheet HTML 6Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 7Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 8Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 9Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 10Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 11Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 12Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 13Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 14Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet
May 7, 2008
QPW025A0F41/QPW025A0F41-H DC-DC Power Module
36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
LINEAGE POWER
13
Recommended Pad Layout
Dimensions are in millimeters and (inches).
Tolerances: x.x mm
± 0.5 mm (x.xx in. ± 0.02 in.) (unless otherwise indicated)
x.xx mm
± 0.25 mm (x.xxx in ± 0.010 in.)
† - Option
1.02 (0.040) DIA PIN, 7 PLCS
1.57 (0.062) DIA PIN, 2 PLCS


유사한 부품 번호 - QPW025A0F41

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW050A0F1-HZ LINEAGEPOWER-QPW050A0F1-HZ Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW060A0G1 LINEAGEPOWER-QPW060A0G1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW060A0G1Z LINEAGEPOWER-QPW060A0G1Z Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW060A0M1 LINEAGEPOWER-QPW060A0M1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
More results

유사한 설명 - QPW025A0F41

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
KW010A0A41-SR LINEAGEPOWER-KW010A0A41-SR Datasheet
852Kb / 23P
   36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
EBVW017A0X LINEAGEPOWER-EBVW017A0X Datasheet
1Mb / 15P
   36-75Vdc Input; 14.0Vdc Output; 17A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com