전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QSW025A0B1Z 데이터시트(PDF) 12 Page - Lineage Power Corporation

부품명 QSW025A0B1Z
상세설명  36 - 75Vdc Input; 12Vdc Output; 25A Output Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QSW025A0B1Z 데이터시트(HTML) 12 Page - Lineage Power Corporation

Back Button QSW025A0B1Z Datasheet HTML 8Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 9Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 10Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 11Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 12Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 13Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 14Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 15Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 16Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet
February 16, 2009
QSW025A0B Series Power Modules; DC-DC Converters
36 – 75Vdc Input; 12Vdc Output; 25A Output Current
12
LINEAGE POWER
Layout Considerations
The QSW025 power module series are low profile in
order to be used in fine pitch system card architectures.
As such, component clearance between the bottom of
the power module and the mounting board is limited.
Avoid placing copper areas on the outer layer directly
underneath the power module. Also avoid placing via
interconnects underneath the power module.
For additional layout guide-lines, refer to FLTR100V10
Data Sheet.
Through-Hole Lead-Free Soldering
Information
The RoHS-compliant, Z version, through-hole products
use the SAC (Sn/Ag/Cu) Pb-free solder and RoHS-
compliant components. The non-Z version products use
lead-tin (Pb/Sn) solder and RoHS-compliant
components. Both version modules are designed to be
processed through single or dual wave soldering
machines. The pins have an RoHS-compliant, pure tin
finish that is compatible with both Pb and Pb-free wave
soldering processes. A maximum preheat rate of 3
°C/s is
suggested. The wave preheat process should be such
that the temperature of the power module board is kept
below 210
°C. For Pb solder, the recommended pot
temperature is 260
°C, while the Pb-free solder pot is
270
°C max. Not all RoHS-compliant through-hole
products can be processed with paste-through-hole Pb
or Pb-free reflow process. If additional information is
needed, please consult with your Lineage Power
representative for more details.
Post Solder Cleaning and Drying
Considerations
Post solder cleaning is usually the final circuit-board
assembly process prior to electrical board testing. The
result of inadequate cleaning and drying can affect both
the reliability of a power module and the testability of the
finished circuit-board assembly. For guidance on
appropriate soldering, cleaning and drying procedures,
refer to Lineage Power Board
Mounted Power Modules: Soldering and Cleaning
Application Note (AP01-056EPS).


유사한 설명 - QSW025A0B1Z

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
QBK025A0B1 LINEAGEPOWER-QBK025A0B1 Datasheet
466Kb / 16P
   36-55Vdc Input; 12Vdc Output Voltage; 25A Output Current
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
QBVW025A0B LINEAGEPOWER-QBVW025A0B Datasheet
1Mb / 18P
   QBVW025A0B Series Power Modules; DC-DC Converters 36-75Vdc Input; 12Vdc Output; 25A Output Current
ver 1.3 May 16, 2012
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com