전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QSW025A0B1Z 데이터시트(PDF) 5 Page - Lineage Power Corporation

부품명 QSW025A0B1Z
상세설명  36 - 75Vdc Input; 12Vdc Output; 25A Output Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QSW025A0B1Z 데이터시트(HTML) 5 Page - Lineage Power Corporation

  QSW025A0B1Z Datasheet HTML 1Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 2Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 3Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 4Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 5Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 6Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 7Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 8Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
February 16, 2009
QSW025A0B Series Power Modules; DC-DC Converters
36 – 75Vdc Input; 12Vdc Output; 25A Output Current
LINEAGE POWER
5
Characteristic Curves
The following figures provide typical characteristics for the QSW025A0B (12V, 25A) at 25ºC. The figures are identical
for either positive or negative Remote On/Off logic.
0
1
2
3
4
5
6
7
8
9
10
30
35
40
45
50
55
60
65
70
75
Iout=25A
Iout=12.5A
Iout=0A
INPUT VOLTAGE, VO (V)
TIME, t (20 ms/div)
Figure 1. Typical Input Characteristic at Room
Temperature.
Figure 4. Typical Start-Up Using Remote On/Off,
negative logic version shown.
75
80
85
90
95
100
0
5
10
15
20
25
Vin=36V
Vin=48V
Vin=75V
OUTPUT CURRENT, IO (A)
TIME, t (500 μs/div)
Figure 2. Typical Converter Efficiency Vs. Output
current at Room Temperature.
Figure 5. Typical Transient Response to Step change
in Load from 25% to 50% to 25% of Full Load at Room
Temperature and 48 Vdc Input.
TIME, t (1
μs/div)
TIME, t (500 μs/div)
Figure 3. Typical Output Ripple and Noise at Room
Temperature and Io = Io,max.
Figure 6. Typical Transient Response to Step Change
in Load from 50% to 75% to 50% of Full Load at Room
Temperature and 48 Vdc Input.
36 Vin
48 Vin
60 Vin


유사한 설명 - QSW025A0B1Z

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
QBK025A0B1 LINEAGEPOWER-QBK025A0B1 Datasheet
466Kb / 16P
   36-55Vdc Input; 12Vdc Output Voltage; 25A Output Current
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
QBVW025A0B LINEAGEPOWER-QBVW025A0B Datasheet
1Mb / 18P
   QBVW025A0B Series Power Modules; DC-DC Converters 36-75Vdc Input; 12Vdc Output; 25A Output Current
ver 1.3 May 16, 2012
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com