| 전자부품 데이터시트 검색엔진 |
|
AS8218 데이터시트(PDF) 116 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8218 데이터시트(HTML) 116 Page - ams AG |
|
116 / 123 page ![]() Data Sheet AS8218 / AS8228 Revision 3.0, 31-May-06 Page 116 of 123 Designation Value Unit Description C18 1.0 µF Capacitor C19 100 nF Capacitor C20 1.0 µF Capacitor C21 10 nF Capacitor C22 0.47 µF Capacitor C23 470 µF Capacitor D1 Diode 1N4148 D2 Diode 1N4148 D3 Diode 1N4148 D4 Diode 1N4148 D5 Diode 1N4004 ZD1 15 V Zener diode BZV85–C15 L1 Varistor BAT 3.0 V Lithium battery LCD Liquid crystal display XTAL 3.579545 MHz Crystal Note: The external components for the programmable multi-purpose I/Os (MPIO) are not included in the above parts list, as they depend on the specific meter functional requirements. |