전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

350103 데이터시트(PDF) 1 Page - Lumberg

부품명 350103
상세설명  RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMBERG [Lumberg]
홈페이지  http://www.lumberg.com
Logo LUMBERG - Lumberg

350103 데이터시트(HTML) 1 Page - Lumberg

  350103 Datasheet HTML 1Page - Lumberg 350103 Datasheet HTML 2Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RAST-2.5-Führungsrahmen
3501: für Innenverrastung
3500: mit Verriegelungslasche
1. Temperaturbereich
-40 °C/+130 °C
2. Werkstoffe
Kontaktträger
PBT, V0 nach UL 94
3. Mechanische Daten
Verrastung auf
Leiterplatte 1,5 ± 0,14 mm
Verwendung mit
3501
Steckverbindern 3520, 3520-1, 3520-2,
3522, 3522-1, 3522-2, Steckverbindern
nach RAST-2,5-Standard
3500
Steckverbindern 3521, 3521-2, 3523,
3523-2, 3570, Steckverbindern nach
RAST-2,5-Standard
Kodiervorschläge im Internet unter www.lumberg.com
3501
3500
3501
3500
*a Prüfabgriff
test hole
prise de test
*b Kodierung
keying
codage
*c Leiterplattenbeispiel
example for printed circuit board
exemple de carte imprimée
*d Positionen für zusätzliche Rastfenster (siehe Tabelle)
positions of additional locking windows (see table)
positions de fenêtres de verrouillage additionels (voir table)
Verpackung: lose im Karton
Packaging: in bulk, in a cardboard box
Emballage: en vrac, dans un carton
®
www.lumberg.com
11/2009
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
RAST 2.5 connectors, pitch 2.5/5.0 mm
Connecteurs RAST 2.5, pas 2,5/5,0 mm


유사한 부품 번호 - 350103

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
350103 MOLEX5-350103 Datasheet
277Kb / 3P
   3.50mm (.138") Pitch Beau Eurostyle??Fixed Mount PCB Terminal Block, 3 Circuits
350103 MOLEX11-350103 Datasheet
38Kb / 2P
   3.50mm Pitch Beau Eurostyle Fixed Mount PCB Terminal Block, 3 Circuits
logo
Lumberg
350103 LUMBERG-350103 Datasheet
328Kb / 3P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
More results

유사한 설명 - 350103

제조업체부품명데이터시트상세설명
logo
Lumberg
3518 LUMBERG-3518 Datasheet
283Kb / 3P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3542 LUMBERG-3542 Datasheet
94Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3513 LUMBERG-3513 Datasheet
109Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
355299 LUMBERG-355299 Datasheet
763Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
83545 LUMBERG-83545 Datasheet
100Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3554 LUMBERG-3554 Datasheet
91Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3557 LUMBERG-3557 Datasheet
91Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3517 LUMBERG-3517 Datasheet
277Kb / 3P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3510 LUMBERG-3510 Datasheet
117Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3520 LUMBERG-3520 Datasheet
122Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com