전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TW0240A 데이터시트(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TW0240A
상세설명  SMD 3.2x2.5 19.2MHz Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0240A 데이터시트(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0240A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0240A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0240A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0240A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0240A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
3. PACKING DIRECTION:
4. PACKING QUANTITY: 1K Pcs / Reel
Reflow Profile:
0
50
100
150
200
250
300
0
60
120
180
240
300
360
Time (seconds)
Rising Area
Preheat Area
Reflow Area
Forced Cooling Area
Max peak temperature: 260 deg C


유사한 부품 번호 - TW0240A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TW0242A TAI-SAW-TW0242A Datasheet
209Kb / 5P
   SMD 5.0x3.2 38.4MHz Crystal Oscillator
TW0243A TAI-SAW-TW0243A Datasheet
218Kb / 5P
   SMD 3.2x2.5 38.4MHz Crystal Oscillator
REV. NO: 1
TW0248A TAI-SAW-TW0248A Datasheet
129Kb / 8P
   SMD 2.5x2.0 24MHz Crystal Oscillator
REV. NO.:1.0
More results

유사한 설명 - TW0240A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1008B TAI-SAW-TZ1008B Datasheet
423Kb / 8P
   Crystal Unit SMD 3.2x2.5 19.2MHz
REV. NO.: 3
TZ1539A TAI-SAW-TZ1539A Datasheet
446Kb / 7P
   SMD 3.2x2.5 19.2MHz Crystal Unit
REV. NO.: 1
TZ1741A TAI-SAW-TZ1741A Datasheet
436Kb / 7P
   Crystal Unit SMD 3.2x2.5 19.2MHz
REV. NO.: 1
TW0239A TAI-SAW-TW0239A Datasheet
209Kb / 5P
   SMD 5.0x3.2 19.2MHz Crystal Oscillator
TW0617AA1150 TAI-SAW-TW0617AA1150 Datasheet
160Kb / 8P
   Crystal Oscillator SMD 2.0x1.6 19.2MHz
REV. NO: 1
TX0131A TAI-SAW-TX0131A Datasheet
219Kb / 6P
   SMD 3.2x2.5 19.2MHz VCTCXO
TW0233A TAI-SAW-TW0233A Datasheet
218Kb / 5P
   SMD 3.2x2.5 25MHz Crystal Oscillator
TW0277A TAI-SAW-TW0277A Datasheet
270Kb / 6P
   SMD 3.2x2.5 16MHz Crystal Oscillator
TW0228A TAI-SAW-TW0228A Datasheet
219Kb / 5P
   SMD 3.2x2.5 48MHz Crystal Oscillator
TW0426A TAI-SAW-TW0426A Datasheet
149Kb / 7P
   SMD 3.2x2.5 125MHz Crystal Oscillator
REV. NO.: 1.0
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com