전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS-12E-K-V3 데이터시트(PDF) 7 Page - Fujitsu Component Limited.

부품명 JS-12E-K-V3
상세설명  POWER RELAY 1 POLE - 8A Medium Load Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [Fujitsu Component Limited.]
홈페이지  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

JS-12E-K-V3 데이터시트(HTML) 7 Page - Fujitsu Component Limited.

  JS-12E-K-V3 Datasheet HTML 1Page - Fujitsu Component Limited. JS-12E-K-V3 Datasheet HTML 2Page - Fujitsu Component Limited. JS-12E-K-V3 Datasheet HTML 3Page - Fujitsu Component Limited. JS-12E-K-V3 Datasheet HTML 4Page - Fujitsu Component Limited. JS-12E-K-V3 Datasheet HTML 5Page - Fujitsu Component Limited. JS-12E-K-V3 Datasheet HTML 6Page - Fujitsu Component Limited. JS-12E-K-V3 Datasheet HTML 7Page - Fujitsu Component Limited. JS-12E-K-V3 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FTR-K1 SERIES
1. General Information
l
A�������������d��w�������y����d�c�dbyF�j������������������c����������w��hR�H�d���c����2002/95E�
��c���d��������d������.
l
��d�����������d������c���c���c����c������������d������h�R�H�d���c�������Oc��b��2����,2005.
(A����d�����������c����2002/95/E�)
l
A������������������d��w�������y��������d-����.��������������L��d-F���������I���������d��d���c�d��
����h�����//www.��j����.c���/��/d�w�����d�/MI�RO/�c��/�����y�/����d-����-�������.�d�
l
L��d��������d�����������������y���������������-3.0A�-0.5��,���������h��w������c����d.
�h������������h��b����������d��b�c�������b���w��h�b��������b��y���c���.
2. Recommended Lead Free Solder Profile
l
R�c�������d�d����d����-3.0A�-0.5��.
RoHS Compliance and Lead Free Information
3. Moisture Sensitivity
l
M�����������������yL���������d��d�����������c�b���������c������ch���c��������y�,���������h��w�����d�c���d.
4. Tin Whiskers
l
�����d��A�������d����k��w�����������������w���k�����wh��k��d������������.��c����d���b���������h
wh��k��w������dby�����h��������.
We highly recommend that you confirm your actual solder conditions
Flow Solder condition:
���-h��������
������������20˚�
����d�������
d��w��h��5��c.��
260˚�����d��b��h
Solder by Soldering Iron:
����d�����I���
�������������� ����������360˚�
����������
����������3��c.
JS SERIES


유사한 부품 번호 - JS-12E-K-V3

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
JS-12-K FUJITSU-JS-12-K Datasheet
740Kb / 9P
POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
JS-12-K-V3 FUJITSU-JS-12-K-V3 Datasheet
740Kb / 9P
POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
JS-12B-K FUJITSU-JS-12B-K Datasheet
740Kb / 9P
POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
JS-12B-K-V3 FUJITSU-JS-12B-K-V3 Datasheet
740Kb / 9P
POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
JS-12M-K FUJITSU-JS-12M-K Datasheet
740Kb / 9P
POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
More results

유사한 설명 - JS-12E-K-V3

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
FTR-LY FUJITSU-FTR-LY_09 Datasheet
618Kb / 10P
POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
FTR-LY FUJITSU-FTR-LY_11 Datasheet
486Kb / 8P
POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
POWER RELAY 1 POLE - 8A Medium Load Control
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
POWER RELAY 1 POLE - 5A/10A Medium Load Control
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
POWER RELAY 1 POLE - 10A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com