| 전자부품 데이터시트 검색엔진 |
|
TMS320DM647 데이터시트(PDF) 135 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM647 데이터시트(HTML) 135 Page - Texas Instruments |
|
135 / 181 page ![]() HCS HAS HR/W HHWIL HSTROBE(A) HD[15:0] HRDY(B) 2 3 1 37 9 10 14 2 38 12 11 12 11 12 11 13 7 6 1 3 13 37 9 10 36 HCNTL[1:0] 12 11 12 11 12 11 TMS320DM647 TMS320DM648 www.ti.com SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009 A. HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS. B. Depending on the type of write or read operation (HPID without auto-incrementing; HPIA, HPIC, or HPID with auto-incrementing) and the state of the FIFO, transitions on HRDY may or may not occur. For more detailed information on the HPI peripheral, see the TMS320DM647/DM648 DSP Host Port Interface (HPI) User's Guide (literature number SPRUEL5). Figure 6-41. HPI16 Read Timing (HAS Used) Copyright © 2010–2009, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 135 Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |