전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LH79524 데이터시트(PDF) 17 Page - NXP Semiconductors

부품명 LH79524
상세설명  System-on-Chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

LH79524 데이터시트(HTML) 17 Page - NXP Semiconductors

Back Button LH79524 Datasheet HTML 13Page - NXP Semiconductors LH79524 Datasheet HTML 14Page - NXP Semiconductors LH79524 Datasheet HTML 15Page - NXP Semiconductors LH79524 Datasheet HTML 16Page - NXP Semiconductors LH79524 Datasheet HTML 17Page - NXP Semiconductors LH79524 Datasheet HTML 18Page - NXP Semiconductors LH79524 Datasheet HTML 19Page - NXP Semiconductors LH79524 Datasheet HTML 20Page - NXP Semiconductors LH79524 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
System-on-Chip
LH79524/LH79525
Preliminary data sheet
Rev. 01 — 16 July 2007
17
NXP Semiconductors
3VDD
4
PI0
ETHERMDC
8 mA
1
5
VSS
6VDDC
7
VSSC
8nTRST
2, 3
9
LINREGEN
10
VDDA0
11
AN0/UL/X+
12
AN6
PJ7/INT7
13
AN7
PJ6/INT6
14
AN1/UR/X-
15
AN5
PJ5/INT5
16
AN8
PJ4
17
AN2/LL/Y+
PJ3
18
AN9
PJ2
19
AN4/WIPER
PJ1
20
AN3/LR/Y-
PJ0
21
VSSA0
22
nRESETOUT
8 mA
23
CLKOUT
8 mA
24
nRESETIN
2, 3
25
CTCLK
INT4/BATCNTL
8 mA
2, 3
26
VDD
27
VSS
28
PA7
CTCAP2B/CTCMP2B/
SCL
8 mA
2, 3
29
PA6
CTCAP2A/CTCMP2A/
SDA
8 mA
2, 3
30
PA5
CTCAP1B/CTCMP1B
8 mA
1, 3
31
PA4
CTCAP1A/CTCMP1A
8 mA
1, 3
32
PA3
CTCAP0B/CTCMP0B
8 mA
1, 3
33
VDD
34
PA2
CTCAP0A/CTCMP0A
8 mA
1, 3
35
PA1
INT3/UARTTX2/
UARTIRTX2
8 mA
1, 3
36
PA0
INT2/UARTRX2/
UARTIRRX2
8 mA
1, 3
37
PB7
INT1/UARTTX0/
UARTIRTX0
8 mA
1, 3
38
PB6
INT0/UARTRX0/
UARTIRRX0
8 mA
1, 3
39
PB5
SSPTX/I2STXD/
UARTTX1/UARTIRTX1
8 mA
1
40
PB4
SSPRX/I2SRXD/
UARTRX1/UARTIRRX1
8 mA
2
41
PB3
SSPCLK/I2SCLK
8 mA
1
42
PB2
SSPFRM/I2SWS
8 mA
2
43
PB1
DREQ/nUARTRTS0
8 mA
2
44
PB0
nDACK/nUARTCTS0
8 mA
2
45
TDO
4 mA
46
TDI
2, 3
Table 6. LH79525 Numerical Pin List (Cont’d)
PIN
NO.
FUNCTION
AT RESET
MULTIPLEXED
FUNCTION(S)
OUTPUT
DRIVE
NOTES
47
TEST1
2, 3
48
TEST2
2, 3
49
VSS
50
TMS
2, 3
51
TCK
2, 3
52
PC7
A23/nFRE
8 mA
1
53
PC6
A22/nFWE
8 mA
1
54
PC5
A21
8 mA
1
55
PC4
A20
8 mA
1
56
PC3
A19
8 mA
1
57
VDD
58
PC2
A18
8 mA
1
59
PC1
A17
8 mA
1
60
PC0
A16
8 mA
1
61
A15
8 mA
62
A14
8 mA
63
A13
8 mA
64
VSSC
65
A12
8 mA
66
VDDC
67
A11
8 mA
68
VSS
69
A10
8 mA
70
A9
8 mA
71
A8
8 mA
72
A7
8 mA
73
A6
8 mA
74
A5
8 mA
75
VDD
76
A4
8 mA
77
A3
8 mA
78
A2
8 mA
79
A1
8 mA
80
A0
8 mA
81
VSS
82
PD7
D15
8 mA
1
83
PD6
D14
8 mA
1
84
PD5
D13
8 mA
1
85
PD4
D12
8 mA
1
86
VDD
87
PD3
D11
8 mA
1
88
PD2
D10
8 mA
1
89
PD1
D9
8 mA
1
90
PD0
D8
8 mA
1
91
D7
8 mA
1
92
VSS
93
D6
8 mA
1
94
D5
8 mA
1
95
D4
8 mA
1
96
D3
8 mA
1
Table 6. LH79525 Numerical Pin List (Cont’d)
PIN
NO.
FUNCTION
AT RESET
MULTIPLEXED
FUNCTION(S)
OUTPUT
DRIVE
NOTES


유사한 부품 번호 - LH79524

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
LH79520N0Q000B1 NXP-LH79520N0Q000B1 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH79525 SHARP-LH79525 Datasheet
132Kb / 2P
16/32-bit System-on-Chip with Color LCD Controller
More results

유사한 설명 - LH79524

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
System-on-Chip
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
System-on-Chip
Rev. 01-16 July 2007
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
system-on-chip
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
Programmable System-on-Chip
logo
List of Unclassifed Man...
N575F145 ETC2-N575F145 Datasheet
695Kb / 21P
system-on-chip product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com