| 전자부품 데이터시트 검색엔진 |
|
LH79524 데이터시트(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LH79524 데이터시트(HTML) 25 Page - NXP Semiconductors |
|
25 / 64 page ![]() System-on-Chip LH79524/LH79525 Preliminary data sheet Rev. 01 — 16 July 2007 25 NXP Semiconductors Watchdog Timer The Watchdog Timer provides hardware protection against malfunctions. It is a programmable timer to be reset by software at regular intervals. Failure to reset the timer will cause a FIQ interrupt. Failure to service the FIQ interrupt will then generate a System Reset. The features of the Watchdog Timer are: • Driven by the bus clock • 16 programmable time-out periods: 216 through 231 clock cycles • Generates a reset or an FIQ Interrupt whenever a time-out period is reached • Software enable, lockout, and counter-reset mecha- nisms add security against inadvertent writes • Protection mechanism guards against interrupt-ser- vice failure: – The first WDT time-out triggers FIQ and asserts nWDFIQ status flag – If FIQ service routine fails to clear nWDFIQ, then the next WDT time-out triggers a system reset. Timers The LH79524 and LH79525 incorporate three 16-bit independently programmable Timer modules. The tim- ers are clocked by the system clock, but have an inter- nal scaled-down system clock that is used for the Pulse Width Modulator (PWM) and compare functions. All counters are incremented by an internal pre- scaled counter clock or external clock and can gener- ate an overflow interrupt. All three timers have separate internal prescaled counter clocks, with either a com- mon external clock or a prescaled version of the sys- tem clock. • Timer 0 has five Capture Registers and two Com- pare Registers. • Timer 1 and Timer 2 have two Capture and two Com- pare Registers each. The Capture Registers have edge-selectable inputs and can generate an interrupt. The Compare Registers can force the compare output pin either HIGH or LOW upon a match. The timers support a PWM Mode that uses the two Timer Compare Registers associated with a timer to create a PWM. Each timer can generate a separate interrupt. The interrupt becomes active if any enabled compare, capture, or overflow interrupt condition occurs. The interrupt remains active until all compare, capture, and overflow interrupts are cleared. General Purpose Input/Output (GPIO) The LH79524 provides up to 108 bits of programma- ble input/output, and the LH79525 provides 86 bits. Many of the GPIO pins are multiplexed with other sig- nals. All GPIO feature: • Individually programmable input/output pins • All default to Input on power-up. • LH79524 – Ports A-I, K, L, and N: Bidirectional I/O (Port N is 4 bits wide) – Port J: Input only – Port M: Output only • LH79525 – Ports A-I: Bidirectional I/O – Port J: Input only – Port M: Output only (6 bits wide) Boot Controller The boot controller allows selection of the hardware device to be used for booting. • Supports booting from 8-, 16-, or 32-bit devices, selectable via external pins at power-on reset • Configures the byte lane boot state for nCS1, selectable via external pins at power-on reset. • Supports booting from alternate external devices (e.g., NAND flash) via external pins on power-on reset • Glueless interface to external NAND flash. USB Device The USB Device integrated into the LH79524/ LH79525 is compliant with the USB 1.1 and 2.0 speci- fication, and compatible with both the OpenHCI and Intel UHCI standards. The USB Device: • Supports Full-Speed (12 Mbit/s) operation, and suspend and resume signaling • Four Endpoints • Bulk/Interrupt or Isochronous Transfers • FIFO for each Endpoint direction (except EP0 which shares a FIFO between IN/OUT). FIFOs exist in 2464 × 8 RAM • Supports DMA accesses to FIFO. |
유사한 부품 번호 - LH79524 |
|
유사한 설명 - LH79524 |
|
|
링크 URL |
| 개인정보취급방침 |
| ALLDATASHEET.CO.KR |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |