전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LH79524 데이터시트(PDF) 31 Page - NXP Semiconductors

부품명 LH79524
상세설명  System-on-Chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

LH79524 데이터시트(HTML) 31 Page - NXP Semiconductors

Back Button LH79524 Datasheet HTML 27Page - NXP Semiconductors LH79524 Datasheet HTML 28Page - NXP Semiconductors LH79524 Datasheet HTML 29Page - NXP Semiconductors LH79524 Datasheet HTML 30Page - NXP Semiconductors LH79524 Datasheet HTML 31Page - NXP Semiconductors LH79524 Datasheet HTML 32Page - NXP Semiconductors LH79524 Datasheet HTML 33Page - NXP Semiconductors LH79524 Datasheet HTML 34Page - NXP Semiconductors LH79524 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
System-on-Chip
LH79524/LH79525
Preliminary data sheet
Rev. 01 — 16 July 2007
31
NXP Semiconductors
nWE
Output 30 pF
tOVSDW
tSDCLK/2 + 4.5 ns
SDWE Write Enable Valid
tOHSDW
tSDCLK/2 – 4.0 ns
SDWE Write Enable Hold
SDCKE
Output 30 pF
tOVC0
tSDCLK/2 + 4.5 ns
SDCKE Clock Enable Valid
tOHC0
tSDCLK/2 – 4.0 ns
SDCKE Clock Enable Hold
DQM[3:0]
Output 30 pF
tOVDQ
tSDCLK/2 + 5.0 ns
DQM Data Mask Valid
tOHDQ
tSDCLK/2 – 4.0 ns
DQM Data Mask Hold
nSDCS[1:0]
Output 30 pF
tOVSC
tSDCLK/2 + 4.5 ns
SDCS Data Mask Valid
tOHSC
tSDCLK/2 – 4.0 ns
SDCS Data Mask Hold
SDCLK
Output 30 pF
tSDCLK
19.37 ns
SDRAM Clock Period
SYNCHRONOUS SERIAL PORT (SSP)
SSPFRM
Output 50 pF tOVSSPFRM
14 ns
tOVSSPFRM Output Valid,
Referenced to SSPCLK
SSPTX
Output 50 pF
tOVSSPTX
14 ns
SSP Transmit Valid
SSPRX
Input
tISSPRX
20 ns
SSP Receive Setup
ETHERNET MAC CONTROLLER (EMC)
ETHERTXER
Output 50 pF
tOVTXER
25 ns
Transmit Data Valid after
ETHERTXCLK
tOHTXER
ETHERTXCLK/2 +
2.0 ns
Transmit Data Hold after
ETHERTXCLK
ETHERTX[3:0] Output 50 pF
tOVTXD
25 ns
Transmit Data Valid after
ETHERTXCLK
tOHTXD
ETHERTXCLK/2 +
2.0 ns
Transmit Data Hold after
ETHERTXCLK
ETHERTXEN
Output 50 pF
tOVTXEN
25 ns
Transmit Data Valid after
ETHERTXCLK
tOHTXEN
ETHERTXCLK/2 +
2.0 ns
Transmit Data Hold after
ETHERTXCLK
ETHERRXDV
Input
tISRXDV
10 ns
Receive Data Setup prior to
ETHERRXCLK
tIHRXDV
10 ns
Receive Data Hold prior to
ETHERRXCLK
ETHERRX[3:0]
Input
tISRXD
10 ns
Receive Data Setup prior to
ETHERRXCLK
tIHRXD
10 ns
Receive Data Hold prior to
ETHERRXCLK
Table 14. AC Signal Characteristics (Cont’d)
SIGNAL
TYPE LOAD
SYMBOL
MIN.
MAX.
DESCRIPTION


유사한 부품 번호 - LH79524

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
LH79520N0Q000B1 NXP-LH79520N0Q000B1 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH79525 SHARP-LH79525 Datasheet
132Kb / 2P
16/32-bit System-on-Chip with Color LCD Controller
More results

유사한 설명 - LH79524

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
System-on-Chip
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
System-on-Chip
Rev. 01-16 July 2007
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
system-on-chip
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
Programmable System-on-Chip
logo
List of Unclassifed Man...
N575F145 ETC2-N575F145 Datasheet
695Kb / 21P
system-on-chip product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com