전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LH79524 데이터시트(PDF) 56 Page - NXP Semiconductors

부품명 LH79524
상세설명  System-on-Chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

LH79524 데이터시트(HTML) 56 Page - NXP Semiconductors

Back Button LH79524 Datasheet HTML 52Page - NXP Semiconductors LH79524 Datasheet HTML 53Page - NXP Semiconductors LH79524 Datasheet HTML 54Page - NXP Semiconductors LH79524 Datasheet HTML 55Page - NXP Semiconductors LH79524 Datasheet HTML 56Page - NXP Semiconductors LH79524 Datasheet HTML 57Page - NXP Semiconductors LH79524 Datasheet HTML 58Page - NXP Semiconductors LH79524 Datasheet HTML 59Page - NXP Semiconductors LH79524 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
LH79524/LH79525
System-on-Chip
56
Rev. 01 — 16 July 2007
Preliminary data sheet
NXP Semiconductors
Figure 40. Suggested External Components, 10 MHz to 20 MHz Oscillator
ENABLE
XTALIN
XTALOUT
GND
NOTES:
1. Y1 is a parallel-resonant type crystal. (See table)
2. The nominal values for C1 and C2 shown are for
a crystal specified at 18 pF load capacitance (CL).
3. The values for C1 and C2 are dependent upon
the cystal's specified load capacitance and PCB
stray capacitance.
4. R1 must be in the circuit.
5. Ground connections should be short and return
to the ground plane which is connected to the
processor's core ground pins.
6. Tolerance for R1, C1, C2 is
≤ 5%.
GND
10 - 20 MHz
1 M
LH79525-12
PARAMETER
DESCRIPTION
11.2896 MHz Crystal
Tolerance
Stability
Aging
Load Capacitance
ESR (MAX.)
Drive Level
Recommended Part
(AT-Cut) Parallel Mode
±50 ppm
±100 ppm
±5 ppm
18 pF
40
100 µW (MAX.)
CITIZEN CM309S - 11.2896 MABJTR
or equivalent
C1
18 pF
C2
22 pF
R1
Y1
RECOMMENDED CRYSTAL SPECIFICATIONS
INTERNAL TO
THE LH79524/LH79525
EXTERNAL TO
THE LH79524/LH79525


유사한 부품 번호 - LH79524

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
LH79520N0Q000B1 NXP-LH79520N0Q000B1 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH79525 SHARP-LH79525 Datasheet
132Kb / 2P
16/32-bit System-on-Chip with Color LCD Controller
More results

유사한 설명 - LH79524

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
System-on-Chip
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
System-on-Chip
Rev. 01-16 July 2007
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
system-on-chip
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
Programmable System-on-Chip
logo
List of Unclassifed Man...
N575F145 ETC2-N575F145 Datasheet
695Kb / 21P
system-on-chip product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com