전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC9S08DZ96F2CLL 데이터시트(PDF) 211 Page - Freescale Semiconductor, Inc

부품명 MC9S08DZ96F2CLL
상세설명  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL 데이터시트(HTML) 211 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 207Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 208Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 209Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 210Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 211Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 212Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 213Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 214Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 215Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 458 page
background image
Chapter 10 Analog-to-Digital Converter (S08ADC12V1)
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
211
10.1.6
Features
Features of the ADC module include:
•
Linear successive approximation algorithm with 12-bit resolution
•
Up to 28 analog inputs
•
Output formatted in 12-, 10-, or 8-bit right-justified unsigned format
•
Single or continuous conversion (automatic return to idle after single conversion)
•
Configurable sample time and conversion speed/power
•
Conversion complete flag and interrupt
•
Input clock selectable from up to four sources
•
Operation in wait or stop3 modes for lower noise operation
•
Asynchronous clock source for lower noise operation
•
Selectable asynchronous hardware conversion trigger
•
Automatic compare with interrupt for less-than, or greater-than or equal-to, programmable value
•
Temperature sensor
10.1.7
ADC Module Block Diagram
Figure 10-2 provides a block diagram of the ADC module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More