| 전자부품 데이터시트 검색엔진 |
|
MC9S08DZ96F2CLL 데이터시트(PDF) 217 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC9S08DZ96F2CLL 데이터시트(HTML) 217 Page - Freescale Semiconductor, Inc |
|
217 / 458 page ![]() Chapter 10 Analog-to-Digital Converter (S08ADC12V1) MC9S08DZ128 Series Data Sheet, Rev. 1 Freescale Semiconductor 217 In 10-bit mode, the ADCCVH register holds the upper two bits of the 10-bit compare value (ADCV[9:8]). These bits are compared to the upper two bits of the result following a conversion in 10-bit mode when the compare function is enabled. In 8-bit mode, ADCCVH is not used during compare. 10.3.6 Compare Value Low Register (ADCCVL) This register holds the lower 8 bits of the 12-bit or 10-bit compare value or all 8 bits of the 8-bit compare value. When the compare function is enabled, bits ADCV[7:0] are compared to the lower 8 bits of the result following a conversion in 12-bit, 10-bit or 8-bit mode. 10.3.7 Configuration Register (ADCCFG) ADCCFG selects the mode of operation, clock source, clock divide, and configures for low power and long sample time. 7654 3 210 R ADCV7 ADCV6 ADCV5 ADCV4 ADCV3 ADCV2 ADCV1 ADCV0 W Reset: 0 0 0 0 0 0 0 0 Figure 10-8. Compare Value Low Register(ADCCVL) 7654 3 210 R ADLPC ADIV ADLSMP MODE ADICLK W Reset: 0 0 0 0 0 0 0 0 Figure 10-9. Configuration Register (ADCCFG) Table 10-6. ADCCFG Register Field Descriptions Field Description 7 ADLPC Low-Power Configuration. ADLPC controls the speed and power configuration of the successive approximation converter. This optimizes power consumption when higher sample rates are not required. 0 High speed configuration 1 Low power configuration:The power is reduced at the expense of maximum clock speed. 6:5 ADIV Clock Divide Select. ADIV selects the divide ratio used by the ADC to generate the internal clock ADCK. Table 10-7 shows the available clock configurations. 4 ADLSMP Long Sample Time Configuration. ADLSMP selects between long and short sample time. This adjusts the sample period to allow higher impedance inputs to be accurately sampled or to maximize conversion speed for lower impedance inputs. Longer sample times can also be used to lower overall power consumption when continuous conversions are enabled if high conversion rates are not required. 0 Short sample time 1 Long sample time |