전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC9S08DZ96F2CLL 데이터시트(PDF) 228 Page - Freescale Semiconductor, Inc

부품명 MC9S08DZ96F2CLL
상세설명  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL 데이터시트(HTML) 228 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 224Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 225Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 226Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 227Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 228Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 229Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 230Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 231Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 232Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 458 page
background image
Chapter 10 Analog-to-Digital Converter (S08ADC12V1)
MC9S08DZ128 Series Data Sheet, Rev. 1
228
Freescale Semiconductor
ADCSC1 = 0x41 (%01000001)
Bit 7
COCO
0
Read-only flag which is set when a conversion completes
Bit 6
AIEN
1
Conversion complete interrupt enabled
Bit 5
ADCO
0
One conversion only (continuous conversions disabled)
Bit 4:0
ADCH
00001
Input channel 1 selected as ADC input channel
ADCRH/L = 0xxx
Holds results of conversion. Read high byte (ADCRH) before low byte (ADCRL) so that
conversion data cannot be overwritten with data from the next conversion.
ADCCVH/L = 0xxx
Holds compare value when compare function enabled
APCTL1=0x02
AD1 pin I/O control disabled. All other AD pins remain general purpose I/O pins
APCTL2=0x00
All other AD pins remain general purpose I/O pins
Figure 10-13. Initialization Flowchart for Example
Yes
No
Reset
Initialize ADC
ADCCFG = 0x98
ADCSC1 = 0x41
ADCSC2 = 0x00
Check
COCO=1?
Read ADCRH
Then ADCRL To
Clear COCO Bit
Continue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More