| 전자부품 데이터시트 검색엔진 |
|
MC9S08DZ96F2CLL 데이터시트(PDF) 237 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC9S08DZ96F2CLL 데이터시트(HTML) 237 Page - Freescale Semiconductor, Inc |
|
237 / 458 page ![]() Chapter 11 Inter-Integrated Circuit (S08IICV2) MC9S08DZ128 Series Data Sheet, Rev. 1 Freescale Semiconductor 237 Refer to the direct-page register summary in the memory chapter of this document for the absolute address assignments for all IIC registers. This section refers to registers and control bits only by their names. A Freescale-provided equate or header file is used to translate these names into the appropriate absolute addresses. 11.3.1 IIC Address Register (IICxA) 11.3.2 IIC Frequency Divider Register (IICxF) 76543210 R AD7 AD6 AD5 AD4 AD3 AD2 AD1 0 W Reset 00000000 = Unimplemented or Reserved Figure 11-3. IIC Address Register (IICxA) Table 11-2. IICxA Field Descriptions Field Description 7–1 AD[7:1] Slave Address. The AD[7:1] field contains the slave address to be used by the IIC module. This field is used on the 7-bit address scheme and the lower seven bits of the 10-bit address scheme. 76543210 R MULT ICR W Reset 00000000 Figure 11-4. IIC Frequency Divider Register (IICxF) |