전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC9S08DZ96F2CLL 데이터시트(PDF) 244 Page - Freescale Semiconductor, Inc

부품명 MC9S08DZ96F2CLL
상세설명  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL 데이터시트(HTML) 244 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 240Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 241Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 242Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 243Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 244Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 245Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 246Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 247Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 248Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 458 page
background image
Chapter 11 Inter-Integrated Circuit (S08IICV2)
MC9S08DZ128 Series Data Sheet, Rev. 1
244
Freescale Semiconductor
Figure 11-9. IIC Bus Transmission Signals
11.4.1.1
Start Signal
When the bus is free, no master device is engaging the bus (SCL and SDA lines are at logical high), a
master may initiate communication by sending a start signal. As shown in Figure 11-9, a start signal is
defined as a high-to-low transition of SDA while SCL is high. This signal denotes the beginning of a new
data transfer (each data transfer may contain several bytes of data) and brings all slaves out of their idle
states.
11.4.1.2
Slave Address Transmission
The first byte of data transferred immediately after the start signal is the slave address transmitted by the
master. This is a seven-bit calling address followed by a R/W bit. The R/W bit tells the slave the desired
direction of data transfer.
1 = Read transfer, the slave transmits data to the master.
0 = Write transfer, the master transmits data to the slave.
Only the slave with a calling address that matches the one transmitted by the master responds by sending
back an acknowledge bit. This is done by pulling the SDA low at the ninth clock (see Figure 11-9).
No two slaves in the system may have the same address. If the IIC module is the master, it must not transmit
an address equal to its own slave address. The IIC cannot be master and slave at the same time. However,
if arbitration is lost during an address cycle, the IIC reverts to slave mode and operates correctly even if it
is being addressed by another master.
SCL
SDA
Start
Signal
Ack
Bit
1
23
4567
8
msb
lsb
1
23
4567
8
msb
lsb
Stop
Signal
No
SCL
SDA
1
23
456
7
8
msb
lsb
12
5
6
7
8
msb
lsb
Repeated
34
99
AD7 AD6 AD5 AD4 AD3 AD2 AD1 R/W
XXX
D7
D6
D5
D4
D3
D2
D1
D0
Calling Address
Read/
Data Byte
AD7 AD6 AD5 AD4 AD3 AD2 AD1 R/W
AD7 AD6 AD5 AD4 AD3 AD2 AD1 R/W
New Calling Address
99
XX
Ack
Bit
Write
Start
Signal
Start
Signal
Ack
Bit
Calling Address
Read/
Write
Stop
Signal
No
Ack
Bit
Read/
Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com