전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC9S08DZ96F2CLL 데이터시트(PDF) 256 Page - Freescale Semiconductor, Inc

부품명 MC9S08DZ96F2CLL
상세설명  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL 데이터시트(HTML) 256 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 252Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 253Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 254Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 255Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 256Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 257Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 258Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 259Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 260Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 458 page
background image
Chapter 12 Freescale’s Controller Area Network (S08MSCANV1)
MC9S08DZ128 Series Data Sheet, Rev. 1
256
Freescale Semiconductor
12.1.3
Block Diagram
Figure 12-2. MSCAN Block Diagram
12.2
External Signal Description
The MSCAN uses two external pins:
12.2.1
RXCAN — CAN Receiver Input Pin
RXCAN is the MSCAN receiver input pin.
12.2.2
TXCAN — CAN Transmitter Output Pin
TXCAN is the MSCAN transmitter output pin. The TXCAN output pin represents the logic level on the
CAN bus:
0 = Dominant state
1 = Recessive state
12.2.3
CAN System
A typical CAN system with MSCAN is shown in Figure 12-3. Each CAN node is connected physically to
the CAN bus lines through a transceiver device. The transceiver is capable of driving the large current
needed for the CAN bus and has current protection against defective CAN or defective nodes.
RXCAN
TXCAN
Receive/
Transmit
Engine
Message
Filtering
and
Buffering
Control
and
Status
Wake-Up Interrupt Req.
Errors Interrupt Req.
Receive Interrupt Req.
Transmit Interrupt Req.
CANCLK
Bus Clock
Configuration
Oscillator Clock
MUX
Presc.
Tq Clk
MSCAN
Low Pass Filter
Wake-Up
Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More