| 전자부품 데이터시트 검색엔진 |
|
MC9S08DZ96F2CLL 데이터시트(PDF) 263 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC9S08DZ96F2CLL 데이터시트(HTML) 263 Page - Freescale Semiconductor, Inc |
|
263 / 458 page ![]() Chapter 12 Freescale’s Controller Area Network (S08MSCANV1) MC9S08DZ128 Series Data Sheet, Rev. 1 Freescale Semiconductor 263 The bit time is determined by the oscillator frequency, the baud rate prescaler, and the number of time quanta (Tq) clock cycles per bit (as shown in Table 12-7 and Table 12-8). Eqn. 12-1 12.3.4.1 MSCAN Receiver Flag Register (CANRFLG) A flag can be cleared only by software (writing a 1 to the corresponding bit position) when the condition which caused the setting is no longer valid. Every flag has an associated interrupt enable bit in the CANRIER register. Table 12-7. Time Segment 2 Values TSEG22 TSEG21 TSEG20 Time Segment 2 0 0 0 1 Tq clock cycle1 1 This setting is not valid. Please refer to Table 12-35 for valid settings. 0 0 1 2 Tq clock cycles ::: : 1 1 0 7 Tq clock cycles 1 1 1 8 Tq clock cycles Table 12-8. Time Segment 1 Values TSEG13 TSEG12 TSEG11 TSEG10 Time segment 1 0 0 0 0 1 Tq clock cycle1 1 This setting is not valid. Please refer to Table 12-35 for valid settings. 0 0 0 1 2 Tq clock cycles1 0 0 1 0 3 Tq clock cycles1 0 0 1 1 4 Tq clock cycles :::: : 1 1 1 0 15 Tq clock cycles 1 1 1 1 16 Tq clock cycles 76543210 R WUPIF CSCIF RSTAT1 RSTAT0 TSTAT1 TSTAT0 OVRIF RXF W Reset: 00000000 = Unimplemented Figure 12-8. MSCAN Receiver Flag Register (CANRFLG) Bit Time Prescaler value () f CANCLK ------------------------------------------------------ 1 TimeSegment1 TimeSegment2 ++ () • = |