| 전자부품 데이터시트 검색엔진 |
|
MC9S08DZ96F2CLL 데이터시트(PDF) 286 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC9S08DZ96F2CLL 데이터시트(HTML) 286 Page - Freescale Semiconductor, Inc |
|
286 / 458 page ![]() Chapter 12 Freescale’s Controller Area Network (S08MSCANV1) MC9S08DZ128 Series Data Sheet, Rev. 1 286 Freescale Semiconductor 12.5.2.1 Message Transmit Background Modern application layer software is built upon two fundamental assumptions: • Any CAN node is able to send out a stream of scheduled messages without releasing the CAN bus between the two messages. Such nodes arbitrate for the CAN bus immediately after sending the previous message and only release the CAN bus in case of lost arbitration. • The internal message queue within any CAN node is organized such that the highest priority message is sent out first, if more than one message is ready to be sent. The behavior described in the bullets above cannot be achieved with a single transmit buffer. That buffer must be reloaded immediately after the previous message is sent. This loading process lasts a finite amount of time and must be completed within the inter-frame sequence (IFS) to be able to send an uninterrupted stream of messages. Even if this is feasible for limited CAN bus speeds, it requires that the CPU reacts with short latencies to the transmit interrupt. A double buffer scheme de-couples the reloading of the transmit buffer from the actual message sending and, therefore, reduces the reactiveness requirements of the CPU. Problems can arise if the sending of a message is finished while the CPU re-loads the second buffer. No buffer would then be ready for transmission, and the CAN bus would be released. At least three transmit buffers are required to meet the first of the above requirements under all circumstances. The MSCAN has three transmit buffers. The second requirement calls for some sort of internal prioritization which the MSCAN implements with the “local priority” concept described in Section 12.5.2.2, “Transmit Structures.” 12.5.2.2 Transmit Structures The MSCAN triple transmit buffer scheme optimizes real-time performance by allowing multiple messages to be set up in advance. The three buffers are arranged as shown in Figure 12-38. All three buffers have a 13-byte data structure similar to the outline of the receive buffers (see Section 12.4, “Programmer’s Model of Message Storage”). An additional Section 12.4.5, “Transmit Buffer Priority Register (TBPR) contains an 8-bit local priority field (PRIO) (see Section 12.4.5, “Transmit Buffer Priority Register (TBPR)”). The remaining two bytes are used for time stamping of a message, if required (see Section 12.4.6, “Time Stamp Register (TSRH–TSRL)”). To transmit a message, the CPU must identify an available transmit buffer, which is indicated by a set transmitter buffer empty (TXEx) flag (see Section 12.3.6, “MSCAN Transmitter Flag Register (CANTFLG)”). If a transmit buffer is available, the CPU must set a pointer to this buffer by writing to the CANTBSEL register (see Section 12.3.10, “MSCAN Transmit Buffer Selection Register (CANTBSEL)”). This makes the respective buffer accessible within the CANTXFG address space (see Section 12.4, “Programmer’s Model of Message Storage”). The algorithmic feature associated with the CANTBSEL register simplifies the transmit buffer selection. In addition, this scheme makes the handler software simpler because only one address area is applicable for the transmit process, and the required address space is minimized. The CPU then stores the identifier, the control bits, and the data content into one of the transmit buffers. Finally, the buffer is flagged as ready for transmission by clearing the associated TXE flag. |