전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC9S08DZ96F2CLL 데이터시트(PDF) 292 Page - Freescale Semiconductor, Inc

부품명 MC9S08DZ96F2CLL
상세설명  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL 데이터시트(HTML) 292 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 288Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 289Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 290Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 291Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 292Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 293Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 294Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 295Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 296Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 458 page
background image
Chapter 12 Freescale’s Controller Area Network (S08MSCANV1)
MC9S08DZ128 Series Data Sheet, Rev. 1
292
Freescale Semiconductor
bit position in the filter register. Finally, registers CANIDAR0/1/2/3 determine the value of those bits
determined by CANIDMR0/1/2/3.
For instance in the case of the filter value of:
0001x1001x0
The CANIDMR0/1/2/3 register would be configured as:
00001000010
and so all message identifier bits except bit 1 and bit 6 would be compared against the CANIDAR0/1/2/3
registers. These would be configured as:
00010100100
In this case bits 1 and 6 are set to ‘0’, but since they are ignored it is equally valid to set them to ‘1’.
12.5.3.1
Identifier Acceptance Filters example
As described above, filters work by comparisons to individual bits in the CAN message identifier field. The
filter will check each one of the eleven bits of a standard CAN message identifier. Suppose a filter value of
0001x1001x0. In this simple example, there are only three possible CAN messages.
Filter value: 0001x1001x0
Message 1: 00011100110
Message 2: 00110100110
Message 3: 00010100100
Message 2 will be rejected since its third most significant bit is not ‘0’ - 001. The filter is simply a
convenient way of defining the set of messages that the CPU must receive. For full 29-bits of an extended
CAN message identifier, the filter identifies two sets of messages: one set that it receives and one set that
it rejects. Alternatively, the filter may be split into two. This allows the MSCAN to examine only the first
16 bits of a message identifier, but allows two separate filters to perform the checking. See the example
below:
Filter value A: 0001x1001x0
Filter value B: 00x101x01x0
Message 1: 00011100110
Message 2: 00110100110
Message 3: 00010100100
MSCAN will accept all three messages. Filter A will accept messages 1 and 3 as before and filter B will
accept message 2. In practice, it is unimportant which filter accepts the message - messages accepted by
either will be placed in the input buffer. A message may be accepted by more than one filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More