전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC9S08DZ96F2CLL 데이터시트(PDF) 105 Page - Freescale Semiconductor, Inc

부품명 MC9S08DZ96F2CLL
상세설명  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL 데이터시트(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 101Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 102Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 103Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 104Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 105Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 106Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 107Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 108Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 458 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
105
Semiconductor-provided equate or header file normally is used to translate these names into the
appropriate absolute addresses.
6.5.1
Port A Registers
Port A is controlled by the registers listed below.
6.5.1.1
Port A Data Register (PTAD)
6.5.1.2
Port A Data Direction Register (PTADD)
76543210
R
PTAD7
PTAD6
PTAD5
PTAD4
PTAD3
PTAD2
PTAD1
PTAD0
W
Reset:
00000000
Figure 6-3. Port A Data Register (PTAD)
Table 6-1. PTAD Register Field Descriptions
Field
Description
7:0
PTAD[7:0]
Port A Data Register Bits — For port A pins that are inputs, reads return the logic level on the pin. For port A
pins that are configured as outputs, reads return the last value written to this register.
Writes are latched into all bits of this register. For port A pins that are configured as outputs, the logic level is
driven out the corresponding MCU pin.
Reset forces PTAD to all 0s, but these 0s are not driven out the corresponding pins because reset also configures
all port pins as high-impedance inputs with pull-ups/pull-downs disabled.
76543210
R
PTADD7
PTADD6
PTADD5
PTADD4
PTADD3
PTADD2
PTADD1
PTADD0
W
Reset:
00000000
Figure 6-4. Port A Data Direction Register (PTADD)
Table 6-2. PTADD Register Field Descriptions
Field
Description
7:0
PTADD[7:0]
Data Direction for Port A Bits — These read/write bits control the direction of port A pins and what is read for
PTAD reads.
0 Input (output driver disabled) and reads return the pin value.
1 Output driver enabled for port A bit n and PTAD reads return the contents of PTADn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com