전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC9S08DZ96F2CLL 데이터시트(PDF) 120 Page - Freescale Semiconductor, Inc

부품명 MC9S08DZ96F2CLL
상세설명  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL 데이터시트(HTML) 120 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 116Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 117Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 118Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 119Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 120Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 121Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 122Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 123Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 124Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 458 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08DZ128 Series Data Sheet, Rev. 1
120
Freescale Semiconductor
6.5.5
Port E Registers
Port E is controlled by the registers listed below.
6.5.5.1
Port E Data Register (PTED)
6.5.5.2
Port E Data Direction Register (PTEDD)
76543210
R
PTED7
PTED6
PTED5
PTED4
PTED3
PTED2
PTED11
1
Reads of this bit always return the pin value of the associated pin, regardless of the value stored in the port data direction bit.
PTED0
W
Reset:
00000000
Figure 6-32. Port E Data Register (PTED)
Table 6-30. PTED Register Field Descriptions
Field
Description
7:0
PTED[7:0]
Port E Data Register Bits — For port E pins that are inputs, reads return the logic level on the pin. For port E
pins that are configured as outputs, reads return the last value written to this register.
Writes are latched into all bits of this register. For port E pins that are configured as outputs, the logic level is
driven out the corresponding MCU pin.
Reset forces PTED to all 0s, but these 0s are not driven out the corresponding pins because reset also configures
all port pins as high-impedance inputs with pull-ups disabled.
76543210
R
PTEDD7
PTEDD6
PTEDD5
PTEDD4
PTEDD3
PTEDD2
PTEDD11
1
PTEDD1 has no effect on the input-only PTE1 pin.
PTEDD0
W
Reset:
00000000
Figure 6-33. Port E Data Direction Register (PTEDD)
Table 6-31. PTEDD Register Field Descriptions
Field
Description
7:0
PTEDD[7:0]
Data Direction for Port E Bits — These read/write bits control the direction of port E pins and what is read for
PTED reads.
0 Input (output driver disabled) and reads return the pin value.
1 Output driver enabled for port E bit n and PTED reads return the contents of PTEDn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com