전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC9S08DZ96F2CLL 데이터시트(PDF) 134 Page - Freescale Semiconductor, Inc

부품명 MC9S08DZ96F2CLL
상세설명  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL 데이터시트(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 130Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 131Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 132Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 133Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 134Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 135Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 136Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 137Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 458 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08DZ128 Series Data Sheet, Rev. 1
134
Freescale Semiconductor
6.5.9.5
Port J Drive Strength Selection Register (PTJDS)
6.5.9.6
Port J Interrupt Status and Control Register (PTJSC)
76543210
R
PTJDS7
PTJDS6
PTJDS5
PTJDS4
PTJDS3
PTJDS2
PTJDS1
PTJDS0
W
Reset:
00000000
Figure 6-56. Drive Strength Selection for Port J Register (PTJDS)
Table 6-54. PTJDS Register Field Descriptions
Field
Description
7:0
PTJDS[7:0]
Output Drive Strength Selection for Port J Bits — Each of these control bits selects between low and high
output drive for the associated PTJ pin. For port J pins that are configured as inputs, these bits have no effect.
0 Low output drive strength selected for port J bit n.
1 High output drive strength selected for port J bit n.
76543210
R
0000
PTJIF
0
PTJIE
PTJMOD
W
PTJACK
Reset:
00000000
= Unimplemented or Reserved
Figure 6-57. Port J Interrupt Status and Control Register (PTJSC)
Table 6-55. PTJSC Register Field Descriptions
Field
Description
3
PTJIF
Port J Interrupt Flag — PTJIF indicates when a port J interrupt is detected. Writes have no effect on PTJIF.
0 No port J interrupt detected.
1 Port J interrupt detected.
2
PTJACK
Port J Interrupt Acknowledge — Writing a 1 to PTJACK is part of the flag clearing mechanism. PTJACK always
reads as 0.
1
PTJIE
Port J Interrupt Enable — PTJIE determines whether a port J interrupt is requested.
0 Port J interrupt request not enabled.
1 Port J interrupt request enabled.
0
PTJMOD
Port J Detection Mode — PTJMOD (along with the PTJES bits) controls the detection mode of the port J
interrupt pins.
0 Port J pins detect edges only.
1 Port J pins detect both edges and levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com