| 전자부품 데이터시트 검색엔진 |
|
MC9S08DZ96F2CLL 데이터시트(PDF) 196 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC9S08DZ96F2CLL 데이터시트(HTML) 196 Page - Freescale Semiconductor, Inc |
|
196 / 458 page ![]() Chapter 8 Multi-Purpose Clock Generator (S08MCGV2) MC9S08DZ128 Series Data Sheet, Rev. 1 196 Freescale Semiconductor trimming approach to search for the best trim value is recommended. In Example #4: Internal Reference Clock Trim later in this section, this approach will be demonstrated. If a user specified trim value has been found for a device (to replace the factory trim value), this value can be stored in FLASH memory to save the value. If power is removed from the device, the IRC can easily be re-trimmed to the user specified value by copying the saved value from FLASH to the MCG registers. Freescale identifies recommended FLASH locations for storing the trim value for each MCU. Consult the memory map in the data sheet for these locations. 8.5.4.1 Example #4: Internal Reference Clock Trim For applications that require a user specified tight frequency tolerance, a trimming procedure is provided that will allow a very accurate internal clock source. This section outlines one example of trimming the internal oscillator. Many other possible trimming procedures are valid and can be used. In the example below, the MCG trim will be calibrated for the 9-bit MCGTRM and FTRIM collective value. This value will be referred to as TRMVAL. |