전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC9S08SH4MPJR 데이터시트(PDF) 123 Page - Freescale Semiconductor, Inc

부품명 MC9S08SH4MPJR
상세설명  Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR 데이터시트(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 119Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 120Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 121Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 122Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 123Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 124Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 125Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 126Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 338 page
background image
Chapter 9 Analog-to-Digital Converter (S08ADCV1)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
123
In application code, the user reads the temperature sensor channel, calculates VTEMP, and compares it to
VTEMP25. If VTEMP is greater than VTEMP25 the cold slope value is applied in Equation 9-1. If VTEMP is
less than VTEMP25 the hot slope value is applied in Equation 9-1.
Calibrating at 25
°C will improve accuracy to ± 4.5°C.
Calibration at three points, -40
°C, 25°C, and 125°C will improve accuracy to ± 2.5°C. Once calibration
has been completed, the user will need to calculate the slope for both hot and cold. In application code, the
user would then calculate the temperature using Equation 9-1 as detailed above and then determine if the
temperature is above or below 25
°C. Once determined if the temperature is above or below 25°C, the user
can recalculate the temperature using the hot or cold slope value obtained during calibration.
Figure 9-1 shows the MC9S08SH8 with the ADC module highlighted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com